Electronic Components Datasheet Search
  English  ▼

X  

MAX7490EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7490EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7490EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7490EEE Datasheet HTML 4Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 5Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 6Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 7Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 8Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 9Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 10Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 11Page - Maxim Integrated Products MAX7490EEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Dual Universal Switched-Capacitor Filters
8
_______________________________________________________________________________________
_______________Detailed Description
The MAX7490/MAX7491 are universal switched-capaci-
tor filters designed with a fixed internal fCLK/fO ratio of
100:1. Operating modes use external resistors connect-
ed in different arrangements to realize different filter
functions (highpass, lowpass, bandpass, notch) in all of
the classical filter topologies (Butterworth, Bessel, ellip-
tic, Chebyshev). Figure 1 shows a block diagram.
Clock Signal
External Clock
The MAX7490/MAX7491 switched-capacitor filters are
designed for use with external clocks that have a 50%
±5% duty cycle. When using an external clock, drive
the EXTCLK pin high or connect to VDD. Drive CLK with
CMOS logic levels (GND and VDD). Varying the rate of
the external clock adjusts the center frequency of the
filter:
fO = fCLK /100
Internal Clock
When using the internal oscillator, drive the EXTCLK pin
low or connect to GND and connect a capacitor (COSC)
between CLK and GND. The value of the capacitor
(COSC) determines the oscillator frequency as follows:
fOSC (kHz) = 135 x 103 / COSC (pF)
Since COSC is in the low picofarads, minimize the stray
capacitance at CLK so that it does not affect the inter-
nal oscillator frequency. Varying the frequency of the
internal oscillator adjusts the filter’s center frequency by
a 100:1 clock-to-center frequency ratio. For example,
an internal oscillator frequency of 135kHz produces a
nominal center frequency of 1.35kHz.
NAME
PIN
FILTER A
FILTER B
FUNCTION
LP_
1
16
2nd-Order Lowpass Filter Output
BP_
2
15
2nd-Order Bandpass Filter Output
N_/HP_
3
14
2nd-Order Notch/Highpass Filter Output
INV_
4
13
Inverting Input of Filter Summing Op Amp
S_
5
12
Summing Input. The connection of the summing input, along with the other
resistor connections, determine the circuit topology (mode) of each 2nd-
order section. S_ must never be left floating.
SHDN
6
Shutdown Input. Drive SHDN low to enable shutdown mode; drive high or
connect to VDD for normal operation.
GND
7
Ground Pin
VDD
8
Positive Supply. VDD should be bypassed with a 0.1
µF capacitor to GND. A
low-noise supply is recommended. Input +5V for MAX7490 or +3V for
MAX7491.
CLK
9
Clock Input. Connect to an external capacitor (COSC) between CLK and
ground to set the internal oscillator frequency. For external clock operation,
drive with a CMOS-level clock. The duty cycle of the external clock should be
between 45% and 55% for best performance.
EXTCLK
10
External/Internal Clock Select Input. Connect EXTCLK to VDD when driving
CLK externally. Connect to GND when using the internal oscillator.
COM
11
Common Pin. Biased internally at VDD/2. Bypass externally to GND with
0.1
µF capacitor. To override the internal biasing, drive with an external low-
impedance source.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com