Electronic Components Datasheet Search
  English  ▼

X  

MAX7491EEE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX7491EEE
Description  Dual Universal Switched-Capacitor Filters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7491EEE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX7491EEE Datasheet HTML 10Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 11Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 12Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 13Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 14Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 15Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 16Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 17Page - Maxim Integrated Products MAX7491EEE Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Dual Universal Switched-Capacitor Filters
______________________________________________________________________________________
17
NB/HPB
INVB
INVA
VIN
VDD
fCLK = 1MHz
NA/HPA
OUT
R1B
200k
R3B
200k
R2B
10k
R3A
200k
R2A
10k
R1
200k
LPA
BPA
LPB
BPB
C1
0.1
µF
C2
0.1
µF
SHDN
VDD
GND
SA
SB
COM
EXTCLK
CLK
MAX7490
MAX7491
4TH-ORDER 10kHz
BANDPASS FILTER
-40
-30
-25
-20
-15
-10
-5
0
5
8
9
10
11
12
4TH-ORDER 10kHz BANDPASS FILTER
FREQUENCY RESPONSE
FREQUENCY (kHz)
-35
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com