Electronic Components Datasheet Search
  English  ▼

X  

MAX753 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX753
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX753 Datasheet HTML 1Page - Maxim Integrated Products MAX753 Datasheet HTML 2Page - Maxim Integrated Products MAX753 Datasheet HTML 3Page - Maxim Integrated Products MAX753 Datasheet HTML 4Page - Maxim Integrated Products MAX753 Datasheet HTML 5Page - Maxim Integrated Products MAX753 Datasheet HTML 6Page - Maxim Integrated Products MAX753 Datasheet HTML 7Page - Maxim Integrated Products MAX753 Datasheet HTML 8Page - Maxim Integrated Products MAX753 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V, BATT = 15V, CON = LON = 5V, LX = GND = PGND = 0V, IREF = 0mA, all digital input levels are 0V or 5V,
TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .................................................................-0.3V, +7V
PGND to GND.....................................................................±0.3V
BATT to GND.............................................................-0.3V, +36V
LX to GND............................................................................±50V
CS to GND.....................................................-0.6V, (VDD + 0.3V)
Inputs/Outputs to GND (LADJ, CADJ, LON,
CON, REF, CFB, CC, CDRV, LDRV, LFB) .....-0.3V, (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Operating Temperature Ranges
MAX75_C_ _ ........................................................0°C to +70°C
MAX75_E_ _......................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Guaranteed monotonic
Maximum, CFB = 0V
Minimum, CFB = 5V
VCS = 0V
LON, CON, CADJ, LADJ; VDD = 5.5V
LON, CON, CADJ, LADJ; VDD = 4.5V
LDRV, CDRV;
VDD = 4.5V
No external load
4V < VDD < 6V
0µA < IL < 100µA
LDRV = CDRV = 2V
LON, CON, CADJ, LADJ; VIN = 0V or 5V
CONDITIONS
Bits
5
DAC Resolution
85
115
kHz
32
47
VCO Frequency
µA
-5
CS Input Bias Current
V
1.2
1.3
Overcurrent-Comparator Threshold Voltage (CS)
mV
-10
20
Zero-Crossing-Comparator Threshold Voltage (CS)
7
Ω
10
Driver On-Resistance
A
0.5
Driver Sink/Source Current
µA
±1
Input Leakage Current
V
4.5
5.5
VDD Supply Range
V
430
BATT Input Range
V
2.4
Input High Voltage
V
0.8
Input Low Voltage
µA
25
40
VDD Shutdown Current
V
1.21
1.25
1.29
REF Output Voltage
%/V
0.1
REF Line Regulation
mV
515
REF Load Regulation
mA
0.5
2
VDD Quiescent Current
UNITS
MIN
TYP
MAX
PARAMETER
LON = CON = CS = LFB = CFB =
LADJ = CADJ = 5V
Output high
Output low
LON = CON = CS = LFB = CFB = LADJ
= CADJ = LX = BATT = 0V (Note 1)
SUPPLY AND REFERENCE
DIGITAL INPUTS AND DRIVER OUTPUTS
CCFT CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com