Electronic Components Datasheet Search
  English  ▼

X  

MAX761ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX761ESA
Description  12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX761ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX761ESA Datasheet HTML 4Page - Maxim Integrated Products MAX761ESA Datasheet HTML 5Page - Maxim Integrated Products MAX761ESA Datasheet HTML 6Page - Maxim Integrated Products MAX761ESA Datasheet HTML 7Page - Maxim Integrated Products MAX761ESA Datasheet HTML 8Page - Maxim Integrated Products MAX761ESA Datasheet HTML 9Page - Maxim Integrated Products MAX761ESA Datasheet HTML 10Page - Maxim Integrated Products MAX761ESA Datasheet HTML 11Page - Maxim Integrated Products MAX761ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
used in a bootstrapped circuit (Figure 5), undervoltage
lockout prevents start-up at low input voltages; but
once started, operation can continue down to a lower
voltage that depends on the load.
There is no undervoltage lockout when the internal feed-
back resistors are used (Figure 2), and special circuitry
guarantees start-up at 2.0V. The start-up circuitry fixes
the duty cycle at 50% until V+ is driven to 2.5V, above
which the normal control system takes over.
Shutdown Mode
The MAX761/MAX762 enter shutdown mode when
SHDN is high. In this mode, the internal biasing circuitry
is turned off (including the reference) and VOUT equals
V+ minus a diode drop (due to the DC path from the
input to the output). In shutdown mode, the supply cur-
rent drops to less than 5µA. SHDN is a TTL/CMOS logic
level input. Connect SHDN to GND for normal operation.
LBO is high impedance during shutdown.
Modes of Operation
When delivering high output currents, the MAX761/
MAX762 operate in CCM. In this mode, current always
flows in the inductor, and the control circuit adjusts the
switch’s duty cycle on a cycle-by-cycle basis to maintain
regulation without exceeding the switch-current capabili-
ty. This provides excellent load-transient response and
high efficiency.
In discontinuous-conduction mode (DCM), current
through the inductor starts at zero, rises to a peak value,
then ramps down to zero on each cycle. Although effi-
ciency is still excellent, the switch waveforms contain
ringing (the inductor's self-resonant frequency). This
ringing is normal and poses no operational problems.
Low-Battery Detector
The MAX761/MAX762 provide a low-battery comparator
that compares the voltage on LBI to the 1.5V reference
voltage. When the LBI voltage is below VREF, LBO (an
open-drain output) goes low. The low-battery compara-
tor’s 20mV of hysteresis adds noise immunity, prevent-
ing repeated triggering of LBO. Use a resistor-divider
network between V+, LBI, and GND to set the desired
trip voltage VTRIP (Figure 3). When SHDN is high, LBI is
ignored and LBO is high impedance. The value of
resistor R3 should be no larger than 500k
Ω to ensure
the LBI leakage current does not cause inaccuracies in
VTRIP.
__________________Design Procedure
Setting the Output Voltage
The MAX761/MAX762’s output voltage can be adjusted
from 5V to 16.5V using external resistors R1 and R2
configured as shown in Figures 3 and 5. For adjustable-
output operation, select feedback resistor R1 in the
10k
Ω to 250kΩ range. Higher R1 values within this
range give lowest supply current and best light-load
efficiency. R2 is given by:
R2 = (R1)( VOUT - 1)
VREF
where VREF = 1.5V.
Note: Tie FB to GND for fixed-output operation
(bootstrapped mode only).
12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Converters
_______________________________________________________________________________________
9
Figure 4a. CCM, Heavy Load Current Waveform (500mA/div)
Figure 4b. Light/Medium Load Current Waveform (500mA/div)
1A
500mA
1A
500mA
0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com