Electronic Components Datasheet Search
  English  ▼

X  

MAX768EEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX768EEE
Description  Low-Noise, Dual-Output, Regulated Charge Pump for GaAsFET, LCD, and VCO Supplies
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX768EEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX768EEE Datasheet HTML 4Page - Maxim Integrated Products MAX768EEE Datasheet HTML 5Page - Maxim Integrated Products MAX768EEE Datasheet HTML 6Page - Maxim Integrated Products MAX768EEE Datasheet HTML 7Page - Maxim Integrated Products MAX768EEE Datasheet HTML 8Page - Maxim Integrated Products MAX768EEE Datasheet HTML 9Page - Maxim Integrated Products MAX768EEE Datasheet HTML 10Page - Maxim Integrated Products MAX768EEE Datasheet HTML 11Page - Maxim Integrated Products MAX768EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Low-Noise, Dual-Output, Regulated Charge Pump
for GaAsFET, LCD, and VCO Supplies
8
_______________________________________________________________________________________
Shutdown
The MAX768 has two active-low, TTL logic-level shut-
down inputs:
PSHDN and NSHDN. When both inputs
are pulled low, the MAX768 shuts down and the supply
current is reduced to 10µA max over temperature.
Pulling
PSHDN low turns off the positive linear regula-
tor; the doubler charge pump remains active. Pulling
the
NSHDN input low while PSHDN remains high turns
off the inverter charge pump, the negative linear regula-
tor, and the output-ready indicator (Table 1).
Capacitors
The overall dropout voltage is a function of the charge
pump’s output resistance and the voltage drop across
the linear regulator. The charge-pump output resistance
is a function of the switching frequency and the capaci-
tor’s ESR value. Therefore, minimizing the charge-pump
capacitors’ ESR minimizes dropout voltage.
See Table 2 for capacitor selection. All capacitors
should be either surface-mount ceramic chip or tanta-
lum. External capacitor values may be adjusted to opti-
mize size, performance, and cost.
PSHDN
Positive output active
1
1
POUT
STATUS
NSHDN
Negative output active
NOUT
STATUS
0.8
SUPPLY
CURRENT
(mA)
Negative output inactive
0.7
Positive output active
0
1
Negative output active
0.3
Shutdown (low-power mode)
0.0001
Shutdown (low-power mode)
0
0
Positive output inactive
1
0
100
IN
20 to 240
External Clock
SYNC
INPUT
25
GND
FREQUENCY
(kHz)
2.2µF
10µF
C = 220µF/f (kHz)
10µF
4.7µF
CAPACITORS
C1, C2, C3, C4
C5, C6
C7
Figure 2. MAX768 Standard Application Circuit
Table 1. Shutdown-Control Logic
Table 2. Charge-Pump Capacitor Selection (Figure 2)
MAX768
C1-
GND
C4
C3
C2
C1
C7
C5
C6
C2-
V-
NOUT
SETN
NSHDN
PSHDN
SEE TABLE 2 FOR CAPACITOR VALUES
C2+
VIN
TO
VIN
-5V
+5V
IN
C1+
V+
POUT
SETP
RDY
SYNC
R
84
8 C1
C3
2
fC1
R
84
8 C1
4 C2
(C4
)
2
fC1
1
fC2
POUT
ESR
ESR
OSC
NOUT
ESR
ESR
ESR
OSC
OSC
=+
() + () +
=+
() + ()+
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com