Electronic Components Datasheet Search
  English  ▼

X  

MAX770 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX770
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX770 Datasheet HTML 1Page - Maxim Integrated Products MAX770 Datasheet HTML 2Page - Maxim Integrated Products MAX770 Datasheet HTML 3Page - Maxim Integrated Products MAX770 Datasheet HTML 4Page - Maxim Integrated Products MAX770 Datasheet HTML 5Page - Maxim Integrated Products MAX770 Datasheet HTML 6Page - Maxim Integrated Products MAX770 Datasheet HTML 7Page - Maxim Integrated Products MAX770 Datasheet HTML 8Page - Maxim Integrated Products MAX770 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
0
1
2
3
4
-75
-50
-25
0
25
50
75
100 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VOUT = 12V, VIN = 5V
CIRCUIT OF FIGURE 2b
BOOTSTRAPPED MODE
ENTIRE
CIRCUIT
SCHOTTKY DIODE
LEAKAGE EXCLUDED
0
0.2
0.4
0.6
0.8
2
4
6
8
10
12
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VOUT = 12V
NON-BOOTSTRAPPED
CIRCUIT OF FIGURE 2c
BOOTSTRAPPED
CIRCUIT OF
FIGURE 2b
0
100
150
200
250
50
2
4
6
8
10
12
EXT RISE/FALL TIME vs. SUPPLY VOLTAGE
V+ (V)
CEXT = 2200pF
CEXT = 1000pF
CEXT = 446pF
CEXT = 100pF
100
50
0.001
0.01
0.1
1
MAX772
EFFICIENCY vs. OUTPUT CURRENT
(BOOTSTRAPPED)
60
OUTPUT CURRENT (A)
70
80
90
VOUT = 15V, CIRCUIT OF FIGURE 2b
MAX772 SUBSTITUTED FOR MAX771
VIN = 12V
VIN = 9V
VIN = 6V
VIN = 5V
VIN = 3V
50
60
70
80
90
100
0.001
0.01
1
MAX771
EFFICIENCY vs. OUTPUT CURRENT
(BOOTSTRAPPED)
OUTPUT CURRENT (A)
0.1
VIN = 6V
VIN = 5V
VIN = 3V
VIN = 9V
VOUT = 12V
CIRCUIT OF
FIGURE 2b
100
50
0.001
0.01
0.1
1
MAX770
EFFICIENCY vs. OUTPUT CURRENT
(BOOTSTRAPPED)
60
OUTPUT CURRENT (A)
70
80
90
VIN = 3V
VIN = 3.5V
VOUT = 5V
CIRCUIT OF
FIGURE 2a
VIN = 4V
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
70
80
90
100
0.001
0.01
0.1
10
1
MAX771
EFFICIENCY vs. OUTPUT CURRENT
(NON-BOOTSTRAPPED)
OUTPUT CURRENT (A)
VIN = 9V
VIN = 6V
VIN = 5V
VOUT = 12V
CIRCUIT OF
FIGURE 2c
0
100
200
300
400
500
600
700
1.0
MAX770
LOAD CURRENT vs.
MINIMUM START-UP INPUT VOLTAGE
MINIMUM START-UP INPUT VOLTAGE (V)
3.0
1.5
2.5
3.5
2.0
ABOVE 3.4V,
THE CIRCUIT
STARTS UP
UNDER
MAXIMUM
LOAD
CONDITIONS
VOUT = 5V
CIRCUIT OF
FIGURE 2a
0
100
200
300
400
500
2.0
MAX771
LOAD CURRENT vs.
MINIMUM START-UP INPUT VOLTAGE
MINIMUM START-UP INPUT VOLTAGE (V)
4.0
2.5
3.5
3.0
ABOVE 3.5V
THE CIRCUIT
STARTS UP
UNDER
MAXIMUM
LOAD
CONDITIONS
VOUT = 12V
CIRCUIT OF
FIGURE 2b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com