Electronic Components Datasheet Search
  English  ▼

X  

MAX7705 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7705
Description  關P Power-Supply Monitor with Reset
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7705 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7705 Datasheet HTML 1Page - Maxim Integrated Products MAX7705 Datasheet HTML 2Page - Maxim Integrated Products MAX7705 Datasheet HTML 3Page - Maxim Integrated Products MAX7705 Datasheet HTML 4Page - Maxim Integrated Products MAX7705 Datasheet HTML 5Page - Maxim Integrated Products MAX7705 Datasheet HTML 6Page - Maxim Integrated Products MAX7705 Datasheet HTML 7Page - Maxim Integrated Products MAX7705 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
µP Power-Supply Monitor
with Reset
4
_______________________________________________________________________________________
__________Applications Information
Replacing the TL7705 with a MAX7705
in an Existing Design
The MAX7705 has only three active pins: VCC, GND,
and
RESET. When using a TL7705 with a µP that has
a
RESET input, simply plug the MAX7705 into the
same socket and omit the
RESET pull-up resistor, reset
timing capacitor, and reference bypass capacitor (see
the
Typical Operating Circuit).
The MAX7705 monitors the VCC voltage and asserts
reset whenever VCC falls below the reset threshold.
The reset power-up delay is created by an internal
fixed oscillator. This delay is 100% tested and guaran-
teed over the full temperature range. The
RESET out-
put both sources and sinks current (see
RESET Output
Voltage in the
Electrical Characteristics).
Negative-Going VCC Transients
The MAX7705 asserts
RESET during power-up,
power-down, and brownout conditions. However, it is
relatively immune to short-duration negative-going VCC
transients (glitches).
Figure 1 shows typical transient duration vs. reset com-
parator overdrive for which the MAX7705 does not gen-
erate a reset pulse. The graph was generated using a
fast-edge, negative-going pulse applied to VCC, starting
1.5V above the actual reset threshold and ending below
the reset threshold by the magnitude indicated (reset
comparator overdrive). It indicates the typical maxi-
mum pulse width a negative-going VCC transient may
have without causing a reset pulse to be issued. As
the magnitude of the transient increases (goes farther
below the reset threshold), the maximum allowable
pulse width decreases. Typically, a VCC transient that
goes 100mV below the reset threshold and lasts 40µs
or less will not cause a reset pulse to be issued.
A 0.1µF bypass capacitor mounted as close as possible
to pin 2 (VCC) provides additional transient immunity.
Ensuring a Valid
RESET Output
Down to VCC = 0V
When VCC falls below 1V, the MAX7705 RESET output
no longer sinks current; it becomes high impedance.
Therefore, high-impedance CMOS logic inputs con-
nected to the
RESET output can drift to indeterminate
voltages. In most applications this presents no prob-
lem, as µP and other circuitry is generally inoperative
with VCC below 1V. In applications where the RESET
output must be valid down to 0V, adding a pull-down
resistor to the
RESET pin (as shown in Figure 2) will
cause any stray leakage currents to flow to ground,
holding
RESET low. The resistance value of R1 is not
critical. It should be about 100k
Ω, which is large
enough not to load
RESET and small enough to pull
RESET to ground.
150
0
10
100
10k
50
100
RESET COMPARATOR OVERDRIVE, VTH - VCC (mV)
1k
TA = +25°C
10ns
R1
VCC
GND
MAX7705
RESET
Figure 1. Maximum Transient Duration without Causing a
Reset Pulse vs. Reset Comparator Overdrive
Figure 2.
RESET Valid to VCC = Ground Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com