Electronic Components Datasheet Search
  English  ▼

X  

REF2025 Datasheet(PDF) 11 Page - Texas Instruments

Part # REF2025
Description  REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF2025 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF2025_15 Datasheet HTML 7Page - Texas Instruments REF2025_15 Datasheet HTML 8Page - Texas Instruments REF2025_15 Datasheet HTML 9Page - Texas Instruments REF2025_15 Datasheet HTML 10Page - Texas Instruments REF2025_15 Datasheet HTML 11Page - Texas Instruments REF2025_15 Datasheet HTML 12Page - Texas Instruments REF2025_15 Datasheet HTML 13Page - Texas Instruments REF2025_15 Datasheet HTML 14Page - Texas Instruments REF2025_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
0.01
0.1
1
1
10
100
1k
10k
Frequency (Hz)
C030
C
L = 0 µF
C
L = 4.7 F
C
L = 10 µF
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C024
C
L = 0 F
C
L = 1µF
C
L = 10 F
Time (1 s/div)
C028
Time (1 s/div)
C029
200
250
300
350
400
450
500
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
200
250
300
350
400
450
500
2
3
4
5
6
Input Voltage (V)
C007
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600B – MAY 2014 – REVISED JULY 2014
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
Figure 31. Quiescent Current vs Temperature
Figure 32. Quiescent Current vs Input Voltage
VREF output
VBIAS output
Figure 33. 0.1-Hz to 10-Hz Noise (VREF)
Figure 34. 0.1-Hz to 10-Hz Noise (VBIAS)
VREF output
Figure 35. Output Voltage Noise Spectrum
Figure 36. Output Impedance vs Frequency (VREF)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REF2025 REF2030 REF2033 REF2041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com