Electronic Components Datasheet Search
  English  ▼

X  

MAX774 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX774
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX774 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX774 Datasheet HTML 8Page - Maxim Integrated Products MAX774 Datasheet HTML 9Page - Maxim Integrated Products MAX774 Datasheet HTML 10Page - Maxim Integrated Products MAX774 Datasheet HTML 11Page - Maxim Integrated Products MAX774 Datasheet HTML 12Page - Maxim Integrated Products MAX774 Datasheet HTML 13Page - Maxim Integrated Products MAX774 Datasheet HTML 14Page - Maxim Integrated Products MAX774 Datasheet HTML 15Page - Maxim Integrated Products MAX774 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
To choose the proper current-sense resistor, simply fol-
low the two-step procedure outlined below.
1) Determine:
• Input voltage range, V+
• Maximum (absolute) output voltage, VOUT
• Maximum output current, ILOAD
For example, let V+ range from 4V to 6V, and choose
VOUT = -24V and IOUT = 150mA.
2) Next, referring to Figure 9, find the curve with the
lowest current limit whose output current (with the
lowest input voltage) meets your requirements.
In our example, we want a curve where IOUT is >150mA
with a 4V input and a -24V output.
The RSENSE = 80m
Ω (shown in Figure 9) shows only
approximately 125mA of output current with a 4V input,
so we look next at the RSENSE = 70m
Ω line. It shows
IOUT >150mA for V+ = 4V and VOUT = -24V. The cur-
rent limit will be 0.210V / 0.070
Ω = 3A. These curves
take into account worst-case inductor (±10%) and
current-sense trip levels, but not sense-resistor toler-
ance. The switch on resistance is 70m
Ω.
Standard wire-wound and metal-film resistors have
an inductance high enough to degrade performance.
Metal-film resistors are usually deposited on a ceramic
rod in a spiral, making their inductances relatively high.
Surface-mount (or chip) resistors have very little induc-
tance and are well suited for use as current-sense
resistors. If you want to use through-hole resistors, IRC
has a wire resistor that is simply a band of metal
shaped as a “U” so that inductance is less than 10nH
(an order of magnitude less than metal-film resistors).
These are available in resistance values between
5m
Ω and 0.1Ω.
External Switching Transistor
The MAX774/MAX775/MAX776 are capable of driving
P-channel enhancement-mode MOSFET transistors only.
The choice of power transistor is dictated by input and
output voltage, peak current rating, on resistance, gate-
source threshold, and gate capacitance. The drain-to-
source rating must be greater than the V+ - VOUT
input-to-output voltage differential. The gate-to-source
rating must be greater than V+ (the source voltage) plus
the absolute value of the most negative swing of EXT.
For bootstrapped operation, the most negative swing of
EXT is VOUT. In non-bootstrapped operation, this may
be ground or some other negative voltage. Gate capac-
itance is not normally a limiting factor, but values should
be less than 1nF for best efficiency. For maximum effi-
ciency, the MOSFET should have a very low on resis-
tance at the peak current and be capable of handling
that current. The transistor chosen for the typical oper-
ating circuit has a 30V drain-source voltage limit and a
0.07
Ω drain-source on resistance at VGS = -10V.
Table 1 lists suppliers of switching transistors suitable
for use with the MAX774/MAX775/MAX776.
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
______________________________________________________________________________________
13
Figure 8. MAX776 Maximum Output Current vs. Input Voltage
(VOUT = -15V)
Figure 9. MAX774/MAX775/MAX776 Maximum Output Current
vs. Input Voltage (VOUT = -24V)
100
INPUT VOLTAGE (V)
200
300
400
500
600
700
34
5
6
7
RSENSE = 0.05Ω
RSENSE = 0.06Ω
RSENSE = 0.07Ω
RSENSE = 0.08Ω
RSENSE = 0.09Ω
VOUT = -15V
INPUT VOLTAGE (V)
0
3 4
5
678
9 10 11 12 13 14 15
200
400
600
800
RSENSE = 0.05Ω
RSENSE = 0.06Ω
RSENSE = 0.07Ω
RSENSE = 0.08Ω
RSENSE = 0.09Ω
VOUT = -24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com