Electronic Components Datasheet Search
  English  ▼

X  

MAX767SEAP Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX767SEAP
Description  5V-to-3.3V, Synchronous, Step-Down Power-Supply Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX767SEAP Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX767SEAP Datasheet HTML 12Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 13Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 14Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 15Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 16Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 17Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 18Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 19Page - Maxim Integrated Products MAX767SEAP Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
5V-to-3.3V, Synchronous, Step-Down
Power-Supply Controller
16
______________________________________________________________________________________
3.38V OUTPUT
3.427V MAX
3.330V MIN
DL
GND
ON
MAX767T
VCC
DH
REF
L1
BST
LX
D2
PGND
CS
FB
SHUTDOWN
ON/OFF
N1
N2
D1
C2
R1
C6
0.01
µF
C1
SYNC
R2
10
Ω
C4
4.7
µF
SS
TO MAX767
VCC
R9
332k, 1%
R8
10k
R10
8.06k, 1%
R3
1k,
1%
R4
1k,
1%
R6
10k,
1%
R5
10k,
1%
C7
10
µF CERAMIC
(LOCATE AT
µP PINS)
R11
5.1k
MIN
LOAD
C5
0.01
µF
C3
0.1
µF
C9
0.22
µF
C10
0.01
µF
(OPTIONAL)
C8
620pF
INPUT
4.75V TO 5.5V
VOUT = VREF
(
R10
+ 1
)
R9
MAX495
REMOTE SENSE LINE
R7
330k
Figure 5. High-Accuracy CPU Power Supply with Internal Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com