Electronic Components Datasheet Search
  English  ▼

X  

MAX780 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX780
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX780 Datasheet HTML 1Page - Maxim Integrated Products MAX780 Datasheet HTML 2Page - Maxim Integrated Products MAX780 Datasheet HTML 3Page - Maxim Integrated Products MAX780 Datasheet HTML 4Page - Maxim Integrated Products MAX780 Datasheet HTML 5Page - Maxim Integrated Products MAX780 Datasheet HTML 6Page - Maxim Integrated Products MAX780 Datasheet HTML 7Page - Maxim Integrated Products MAX780 Datasheet HTML 8Page - Maxim Integrated Products MAX780 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PARAMETER
2.85
5.5
Dual-Slot PCMCIA Analog Power Controller
2
_______________________________________________________________________________________
VCCIN to GND ......................................... +7V, -0.3V
VPPIN to GND ...................................... +13.2V, -0.3V
ADRV5, ADRV3, BDRV5, BDRV3 to GND. . .(VPPIN + 0.3V), -0.3V
AVPP, BVPP to GND ....................... (VPPIN + 0.3V), -0.3V
All Other Pins to GND ..................... (VCCIN + 0.3V), -0.3V
Continuous Power Dissipation (TA = +70°C)
20-Pin Plastic DIP (derate 11.11mW/°C above +70°C)......889mW
20-Pin SSOP (derate 8.00mW/°C above +70°C)...........640mW
24-Pin Narrow Plastic DIP (derate 13.33 mW/°C above +70°C).1067mW
24-Pin SSOP (derate 8.00mW/°C above +70°C) ....... 640mW
Operating Temperature Ranges:
MAX780_C__...................................... 0°C to +70°C
MAX780_E__ ................................... -4 0°C to +85°C
Storage Temperature Range ................... -65°C to +160°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
CONDITIONS
UNITS
POWER REQUIREMENTS
VCCIN Input Voltage Range
V
VPPIN Input Voltage Range
0
12.6
V
VCCIN Supply Current
5V mode
130
300
µA
12V or 0V mode
60
VCCIN Standby Current
3.5
10
µA
VPPIN Standby Current
SHDN = 0V, VPPIN = 4.75V
0.1
1
µA
DC CHARACTERISTICS
AVPP, BVPP Switch Resistance
1.6
2.45
Ω
30
50
140
300
High-impedance mode
150
nA
ILOAD = 1mA
0.1
0.4
V
VOLTAGE REFERENCE (MAX780A and MAX780C only)
REF Voltage
ILOAD = 0µA
1.22
1.25
1.28
V
1.21
1.25
1.29
REF Temperature Coefficient
20
ppm/°C
REF Line Regulation
VCCIN = 2.85V to 5.5V
0.5
mV/V
REF Load Regulation
ILOAD = 0µA to 100µA
2
µV/µA
AGPI, BGPI Power-Ready Threshold
MAX780_C
10.72
11.05
11.40
V
MAX780_E
10.68
11.05
11.40
AGPI, BGPI Power-Ready Hysteresis
12V mode
130
mV
SHDN = 0V, all logic inputs at GND or
VCCIN
VPPIN = 11.4V, 0mA < ILOAD < 60mA,
12V mode
VCCIN = 4.5V, 0mA < ILOAD < 1mA,
5V mode
VPPIN = 11.4V, 0mA < ILOAD < 1mA,
0V mode
ADRV3, ADRV5, BDRV3, BDRV5
Leakage Current
ADRV3, ADRV5, BDRV3, BDRV5
Output Voltage Low
0
MAX780_C
MAX780_E
VPPIN
↓
VPPIN
↑
VPPIN Supply Current
185
450
µA
VPPIN = 12.6V
10
12V mode
5V mode
MIN
TYP
MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com