Electronic Components Datasheet Search
  English  ▼

X  

MAX770ESA Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX770ESA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770ESA Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX770ESA Datasheet HTML 12Page - Maxim Integrated Products MAX770ESA Datasheet HTML 13Page - Maxim Integrated Products MAX770ESA Datasheet HTML 14Page - Maxim Integrated Products MAX770ESA Datasheet HTML 15Page - Maxim Integrated Products MAX770ESA Datasheet HTML 16Page - Maxim Integrated Products MAX770ESA Datasheet HTML 17Page - Maxim Integrated Products MAX770ESA Datasheet HTML 18Page - Maxim Integrated Products MAX770ESA Datasheet HTML 19Page - Maxim Integrated Products MAX770ESA Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Starting Up under Load
The
Typical Operating Characteristics show the Start-
Up Voltage vs. Load Current graph for bootstrapped-
mode operation. This graph depends on the type
of power switch used. The MAX770–MAX773 are
not designed to start up under full load in boot-
strapped mode with low input voltages.
Layout Considerations
Due to high current levels and fast switching wave-
forms, which radiate noise, proper PC board layout is
essential. Protect sensitive analog grounds by using a
star ground configuration. Minimize ground noise by
connecting GND, the input bypass capacitor ground
lead, and the output filter capacitor ground lead to a
single point (star ground configuration). Also, minimize
lead lengths to reduce stray capacitance, trace resis-
tance, and radiated noise. Place input bypass capaci-
tor C2 as close as possible to V+ and GND.
Excessive noise at the V+ input may falsely trigger the
timing circuitry, resulting in short pulses at EXT. If this
occurs it will have a negligible effect on circuit efficien-
cy. If desired, place a 4.7µF directly across the V+ and
GND pins (in parallel with the 0.1µF C2 bypass capaci-
tor) to reduce the noise at V+.
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
______________________________________________________________________________________
19
Table 2. Component Suppliers
PRODUCTION
INDUCTORS
CAPACITORS
TRANSISTORS
Surface Mount
Matsuo
267 series
Sprague
595D series
Through Hole
Sumida
CD54 series
CDR125 series
Coiltronics
CTX20 series
Motorola
1N5817–1N5822
MUR115 (high voltage)
Nihon
EC10 series
DIODES
Sumida
RCH855 series
RCH110 series
Renco
RL1284-18
Sanyo
OS-CON series
Nichicon
PL series
United Chemi-Con
LXF series
NPN
Zetex
ZTX694B
Coiltronics
Matsuo
USA: (714) 969-2491
(714) 960-6492
Japan: 81-6-337-6450
81-6-337-6456
Nichicon
USA: (847) 843-7500
(847) 843-2798
Nihon
USA: (805) 867-2555
(805) 867-2698
Renco
USA: (516) 586-5566
(516) 586-5562
Sanyo
USA: (619) 661-6835
(619) 661-1055
Japan: 81-7-2070-6306
81-7-2070-1174
Sumida
USA: (847) 956-0666
Japan: 81-3-3607-5111
81-3-3607-5144
United Chemi-Con
USA: (714) 255-9500
(714) 255-9400
N-FET
Siliconix
Si9410DY
Si9420DY (high voltage)
Motorola
MTP3055EL
MTD20N03HDL
USA: (561) 241-7876
(561) 241-9339
SUPPLIER
PHONE
FAX
Zetex
USA: (516) 543-7100
(516) 864-7630
UK: 44-61-627-4963
44-61-627-5467



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com