Electronic Components Datasheet Search
  English  ▼

X  

CMX885 Datasheet(PDF) 43 Page - CML Microcircuits

Part # CMX885
Description  Programmable Voice Scrambler
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX885 Datasheet(HTML) 43 Page - CML Microcircuits

Back Button CMX885 Datasheet HTML 39Page - CML Microcircuits CMX885 Datasheet HTML 40Page - CML Microcircuits CMX885 Datasheet HTML 41Page - CML Microcircuits CMX885 Datasheet HTML 42Page - CML Microcircuits CMX885 Datasheet HTML 43Page - CML Microcircuits CMX885 Datasheet HTML 44Page - CML Microcircuits CMX885 Datasheet HTML 45Page - CML Microcircuits CMX885 Datasheet HTML 46Page - CML Microcircuits CMX885 Datasheet HTML 47Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
Marine VHF Audio and Signalling Processor
CMX885
©
CML Microsystems Plc
43
2010
D/885/3
device to cease all processing activity, including responding to other C-BUS commands (except General
Reset, $01).
When b5 is set, the device will be held in reset and all signal processing will cease (including AuxADC
operation.
When b3 is set the Xtal is disabled. When b3 is subsequently cleared, it may take some time for the clock
signal to become stable, hence care should be taken in using this feature.
8.1.18 Mode Control – $C1 write
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
Audio
NWR
Inband Modes
0
0
0
Data Mode
Idle/Rx/Tx
b15
reserved
0
b14
Audio Enable
0 = off
1 = enabled (uses Input 1 source)
b13
NWR Source
0 = Input 1
1 = Input 2
b12
NWR Enable
0 = off
1 = enabled (enables both WAT and SAME)
b11
Inband Source
0 = Input 1
1 = Input 2
b10
Audio Generator Enable
0 = off
1 = enabled
b9
reserved
0
b8
DTMF Enable
0 = off
1 = enabled
b7
reserved
0
b6
reserved
0
b5
reserved
0
b4
Modem Source
0 = Input 1
1 = Input 2
b3
reserved
0
b2
Modem Enable
0 = off
1 = enabled
b1-0
Operational mode
00
Idle
01
Rx
10
Tx
11
reserved
Changes to the settings of the bits in this register are implemented as soon as they are received over the
C-BUS (note that the C-BUS has a potential latency of up to 250μs).
In Tx mode, it is not permissible to set BOTH b3 and b2 at the same time.
In Tx mode, it is only permissible to select ONE of the following at any time:
Audio
Inband Signalling
DSC Signalling
Note that if the Audio Processing bit (b14) is set at the same time as an Inband signalling bit in Tx mode,
the Inband signal will be subjected to a 6dB gain.
It is essential that changes to the Programming register and the Audio Control register are completed
before entering Rx or Tx mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com