Electronic Components Datasheet Search
  English  ▼

X  

MAX765ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX765ESA
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX765ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX765ESA Datasheet HTML 4Page - Maxim Integrated Products MAX765ESA Datasheet HTML 5Page - Maxim Integrated Products MAX765ESA Datasheet HTML 6Page - Maxim Integrated Products MAX765ESA Datasheet HTML 7Page - Maxim Integrated Products MAX765ESA Datasheet HTML 8Page - Maxim Integrated Products MAX765ESA Datasheet HTML 9Page - Maxim Integrated Products MAX765ESA Datasheet HTML 10Page - Maxim Integrated Products MAX765ESA Datasheet HTML 11Page - Maxim Integrated Products MAX765ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ DC-DC Inverters
______________________________________________________________________________________
11
Table 1. Component Suppliers
PRODUCTION METHOD
INDUCTORS
CAPACITORS
DIODES
Surface Mount
Matsuo
267 series
Sprague
595D/293D series
AVX
TPS series
Nihon
EC10QS02L (Schottky)
EC11FS1 (high-speed silicon)
Miniature Through-Hole
Sumida
RCH895 series
Sanyo
OS-CON series (very low ESR)
Low-Cost Through-Hole
Renco
RL1284 series
Nichicon
PL series
Motorola
1N5817, 1N5818, (Schottky)
MUR105 (high-speed silicon)
Sumida
CD75/105 series
Coiltronics
CTX series
Coilcraft
DT/D03316 series
Reference Capacitor
Bypass REF with a 0.1µF capacitor (C3). The REF out-
put can source up to 100µA for external loads.
Layout Considerations
Proper PC board layout is essential to reduce noise
generated by high current levels and fast switching
waveforms. Minimize ground noise by connecting
GND, the input bypass capacitor ground lead, and the
output filter capacitor ground lead to a single point (star
ground configuration). Also minimize lead lengths to
reduce stray capacitance, trace resistance, and radiat-
ed noise. In particular, keep the traces connected to
FB and LX short. C2 must be placed as close as pos-
sible to the V+ and GND pins. If an external resistor
divider is used (Figure 3), the trace from FB to the resis-
tors must be extremely short.
SUPPLIER
PHONE
FAX
AVX
USA:
(803) 448-9411
(803) 448-1943
Coilcraft
USA:
(708) 639-6400
(708) 639-1469
Coiltronics
USA:
(407) 241-7876
(407) 241-9339
Matsuo
USA:
(714) 969-2491
Japan: 81-6-337-6450
(714) 960-6492
81-6-337-6456
Motorola
USA:
(800) 521-6274
(602) 952-4190
Nichicon
USA:
(708) 843-7500
Japan: 81-7-5231-8461
(708) 843-2798
81-7-5256-4158
Renco
USA:
(516) 586-5566
(516) 586-5562
Sanyo OS-CON
USA:
(619) 661-6835
Japan: 81-7-2070-1005
(619) 661-1055
81-7-2070-1174
Sprague Electric Co.
USA:
(603) 224-1961
(603) 224-1430
Nihon
USA:
(805) 867-2555
Japan: 81-3-3494-7411
(805) 867-2556
81-3-3494-7414
Sumida
USA:
(708) 956-0666
Japan: 81-3-3607-5111
(708) 956-0702
81-3-3607-5144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com