Electronic Components Datasheet Search
  English  ▼

X  

CMX970 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX970
Description  Serial bus or direct control operation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX970 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX970 Datasheet HTML 1Page - CML Microcircuits CMX970 Datasheet HTML 2Page - CML Microcircuits CMX970 Datasheet HTML 3Page - CML Microcircuits CMX970 Datasheet HTML 4Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2012 CML Microsystems Plc
1
Product Preview
CMX970
IF/RF Quadrature Demodulator
(RF Building Block)
CMX970 Brief Description
Features
The CMX970 is a low power IF or RF quadrature demodulator featuring a wide operating
frequency range and low power consumption. Suitable for architectures with IF or RF
frequencies up to 300MHz, the device may be used in low IF systems or those converting
down to baseband. Control of the CMX970 may be either by serial bus or direct control (with
reduced flexibility).
The small, RF-optimised VQFN package and minimal external components make the device
ideal for space-constrained applications.
PP970/4 July 2012
Introduction
The CMX970 is the first of a new
range of RF Building Block ICs
from CML.
Low power consumption,
flexibility and high performance
are key values of the RF Building
Block products.
The CMX970 IF/RF Quadrature
Demodulator offers very low
power consumption and high-
performance over the
operating range of 20 - 300 MHz.
The wide 10MHz I/Q bandwidth,
variable gain adjustment and
serial bus or direct control
operation, deliver a level of
flexibility and previously
unavailable features, at the
heart of the product.
Size is an important factor in
many radio designs, the CMX970
addresses this with its availabil-
ity in a very small 16-pin VQFN
package (4mm x 4mm x 1mm).
Applications
Wireless Data Terminals
HF, VHF and UHF Mobile
Radio
Avionics Radio Systems
High-performance profes-
sional radios
 Flexible RF Building Block solution
 Low power consumption
 High performance
 Flexibility
 Configurability with correction modes
 Best in class intermodulation performance
 Excellent phase/amplitude balance
 Serial bus configuration
 Direct control option for host-less operation
 20-300 MHz IF/RF demodulator
 10MHz I/Q bandwidth
 Serial bus or direct control operation
 Variable gain and dc offset adjustment
 Low power 3.0 - 3.6 V operation
 Small 16-pin VQFN package
Key Benefits
Small 16-pin VQFN
CMX970 Function Diagram
RFGND
N/C
LO
LOGND
CBUSOFFN
RXIN
RXQP
RXQN
RFIN
RXIP
VCC
VSS
VDD
CSN/
GAIN
SCLK/
DIVSET
CDATA/
RESETN
Divide
2/4
Gain
Gain


Similar Part No. - CMX970

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX971 CMLMICRO-CMX971 Datasheet
1Mb / 25P
Small 16-lead VQFN Package
CMX972 CMLMICRO-CMX972 Datasheet
1Mb / 41P
Small 32-lead VQFN Package
CMX973 CMLMICRO-CMX973 Datasheet
862Kb / 4P
Very small 32-lead Package
More results

Similar Description - CMX970

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
4-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
8-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
32-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24256-DRE STMICROELECTRONICS-M24256-DRE Datasheet
1Mb / 41P
256-Kbit serial I²C bus EEPROM - 105°C operation
January 2015 Rev 1
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
512-Kbit serial IC bus EEPROM - 105C operation
22-Jan-2015
logo
OmniVision Technologies...
OV9755 OMNIVISION-OV9755 Datasheet
1Mb / 2P
two-wire serial bus control (SCCB)
OV9756 OMNIVISION-OV9756 Datasheet
664Kb / 2P
two-wire serial bus control (SCCB)
OV01A10 OMNIVISION-OV01A10 Datasheet
1Mb / 2P
two-wire serial bus control (SCCB)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com