Electronic Components Datasheet Search
  English  ▼

X  

M3G Datasheet(PDF) 1 Page - International Rectifier

Part # M3G
Description  28V Input, Single/Dual Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G Datasheet(HTML) 1 Page - International Rectifier

  M3G Datasheet HTML 1Page - International Rectifier M3G Datasheet HTML 2Page - International Rectifier M3G Datasheet HTML 3Page - International Rectifier M3G Datasheet HTML 4Page - International Rectifier M3G Datasheet HTML 5Page - International Rectifier M3G Datasheet HTML 6Page - International Rectifier M3G Datasheet HTML 7Page - International Rectifier M3G Datasheet HTML 8Page - International Rectifier M3G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
09/11/12
www.irf.com
1
HYBRID - HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
M3G-SERIES
Description
n Total Dose > 200 KRad(Si),
typically usable to > 300 KRad(Si)
n SEE Hardened to LET up to 82 MeV.cm2/mg
n Internal EMI filter; Converter Capable of
meeting MIL-STD-461C CE03
n Low Weight, < 110 grams
n Magnetically Coupled Feedback
n 18V to 50V DC Input Range
n Up to 40W Output Power
n Single and Dual Output Models Include
3.3, 5, 5.2, 12, 15,
±5, ±7, ±12 and ±15V
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100MΩ @ 500VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Remote Sense on Single Output Models
n Adjustable Output Voltage for Duals
n Synchronization Input and Output
n Output Over Voltage Limiter
n External Inhibit
n > 5,000,000 Hour MTBF
n Standard Microcircuit Drawings Available
Features
28V Input, Single/Dual Output
Applications
n Geostationary Earth Orbit Satellites (GEO)
Non-flight versions of the M3G-Series converters are
available for system development purposes. Variations
in electrical specifications and screening to meet custom
requirements can be accommodated.
The M3G-Series of DC-DC converters are radiation
hardened, high reliability converters designed for
extended operation in hostile environments. Their small
size and low weight make them ideal for applications
such as geostationary earth orbit satellites and deep
space probes. They exhibit a high tolerance to total
ionizing dose, single event effects and environmental
stresses such as temperature extremes, mechanical
shock, and vibration.
The converters incorporate a fixed frequency single
ended forward topology with magnetic feedback and
an internal EMI filter that utilizes multilayer ceramic
capacitors that are subjected to extensive lot screening
for optimum reliability. These converters are capable
of meeting the conducted emissions and conducted
susceptibility requirements of MIL-STD-461C without
any additional components. External inhibit and
synchronization input and output allow these converters
to be easily incorporated into larger power systems.
They are enclosed in a hermetic 3" x 2" x 0.475" package
constructed of an Aluminum-Silicon-Carbide (AlSiC)
base and an Alloy 48 ring frame and they weigh less
than 110 grams. The package utilizes rugged ceramic
feed-through copper core pins and is sealed using
parallel seam welding.
n Deep Space Satellites / Probes
n Strategic Weapons and Communication System
M3G
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DLA Land
and Maritime qualified processes. For available
screening options, refer to device screening table in the
data sheet.
PD-94534Q


Similar Part No. - M3G

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
M3G SEMTECH_ELEC-M3G Datasheet
157Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Shanghai Shunye Electro...
M3G SHUNYE-M3G Datasheet
16Mb / 2P
SURFACE MOUNT GLASS GENERAL RECTIFIER
logo
Yangzhou yangjie electr...
M3G YANGJIE-M3G Datasheet
200Kb / 2P
General Purpose Rectifier
logo
Microdiode Semiconducto...
M3G CHENDA-M3G Datasheet
556Kb / 3P
SURFACE MOUNT GENERAL RECTIFIER
M3G CHENDA-M3G Datasheet
505Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - M3G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
28V Input, Single Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
28V Input, Triple Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com