Electronic Components Datasheet Search
  English  ▼

X  

M3G70 Datasheet(PDF) 1 Page - International Rectifier

Part # M3G70
Description  70V Input, Single/Dual Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G70 Datasheet(HTML) 1 Page - International Rectifier

  M3G70 Datasheet HTML 1Page - International Rectifier M3G70 Datasheet HTML 2Page - International Rectifier M3G70 Datasheet HTML 3Page - International Rectifier M3G70 Datasheet HTML 4Page - International Rectifier M3G70 Datasheet HTML 5Page - International Rectifier M3G70 Datasheet HTML 6Page - International Rectifier M3G70 Datasheet HTML 7Page - International Rectifier M3G70 Datasheet HTML 8Page - International Rectifier M3G70 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
09/12/12
www.irf.com
1
HYBRID - HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
M3G-SERIES
Description
n Total Dose > 200KRad(Si),
typically usable to > 300KRad(Si)
n SEE Hardened to LET up to 82 MeV.cm2/mg
n Low Weight, < 110 grams
n Low Input & Output Noise
n Magnetically Coupled Feedback
n 60V to 120V DC Input Range
n Up to 40W Output Power
n Single and Dual Output Models Include
3.3, 5, 12, 15,
±5, ±12 and ±15V
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100MΩ @ 500V DC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n Remote Sense on Single Output Models
n Adjustable Output Voltage for Duals
n Synchronization Input and Output
n External Inhibit
n > 5,000,000 Hour MTBF
Features
70V Input, Single/Dual Output
Applications
n Geostationary Earth Orbit Satellites (GEO)
Non-flight versions of the M3G-Series converters are
available for system development purposes. Variations
in electrical specifications and screening to meet custom
requirements can be accommodated.
The M3G-Series of DC-DC converters are radiation
hardened, high reliability converters designed for
extended operation in hostile environments. Their small
size and low weight make them ideal for applications
such as geostationary earth orbit satellites and deep
space probes. They exhibit a high tolerance to total
ionizing dose, single event effects and environmental
stresses such as temperature extremes, mechanical
shock, and vibration.
n Deep Space Satellites / Probes
n Strategic Weapons and Communication
Systems
The converters incorporate a fixed frequency single
ended forward topology with magnetic feedback and
an internal EMI filter that utilizes multilayer ceramic
capacitors that are subjected to extensive lot screening
for optimum reliability. By using two stage filtering these
converters produce low input and output noise. External
inhibit and synchronization input and output allow these
converters to be easily incorporated into larger power
systems. They are enclosed in a hermetic 3" x 2" x 0.475"
package constructed of an Aluminum-Silicon-Carbide
(AlSiC) base and an Alloy 48 ring frame and they weigh
less than 110 grams. The package utilizes rugged
ceramic feed-through copper core pins and is sealed
using parallel seam welding.
M3G
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utlizing DLA
Land and Maritime qualified processes. For available
screening options, refer to device screening table in the
data sheet.
PD-94532O


Similar Part No. - M3G70

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G7003R305T IRF-M3G7003R305T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R312T IRF-M3G7003R312T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3D IRF-M3G7003R3D Datasheet
180Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S Datasheet
180Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G70

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
200V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
50V Input, Single/Dual Output
M3G70T IRF-M3G70T_15 Datasheet
177Kb / 12P
70V Input, Triple Output
M3G120 IRF-M3G120_15 Datasheet
161Kb / 9P
120V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
28V Input, Single/Dual Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com