Electronic Components Datasheet Search
  English  ▼

X  

MAX787CCK Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX787CCK
Description  5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX787CCK Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX787CCK Datasheet HTML 1Page - Maxim Integrated Products MAX787CCK Datasheet HTML 2Page - Maxim Integrated Products MAX787CCK Datasheet HTML 3Page - Maxim Integrated Products MAX787CCK Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5V/3.3V/3V 5A Step-Down, PWM,
Switch-Mode DC-DC Regulators
2
_______________________________________________________________________________________
Input Voltage .................................................. 45V
Switch Voltage with Respect to Input Voltage................ 50V
Switch Voltage with Respect to GND Pin (VSW negative)
(Note 1) ..................................................... 35V
SENSE Pin Voltage ................................... -0.3V, +10V
Operating Temperature Ranges
MAX78_CCK ..................................... 0°C to +70°C
MAX78_ECK.................................... -40°C to +85°C
Junction Temperature Ranges
MAX78_CCK ................................... 0°C to +125°C
MAX78_ECK
................................ -40°C to +125°C
Storage Temperature Range ................... -65°C to +160°C
Lead Temperature (soldering, 10sec).................... +300°C
ELECTRICAL CHARACTERISTICS
(VIN = 25V, Tj = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
Start-Up Mode (Note 4)
3.5
5.0
MIN
TYP
MAX
UNITS
Switching Frequency Line Regulation
8V
≤ VIN ≤ 40V
Switch-Current Limit (Note 5)
5.5
6.5
8.5
A
Tj < 0°C
90
100
110
Tj ≥ 0°C
85
120
VOUT = VSENSE = 0V (Note 5)
20
Switching Frequency
kHz
0.03
0.10
%/V
Error-Amplifier Voltage Gain
1V
≤ VC ≤ 4V
2000
V/V
Error-Amplifier Transconductance
3000
5000
9000
µmho
Error-Amplifier Source Current
VSENSE = VOUT - 10%
100
140
225
Tj = +25°C
µA
Error-Amplifier Sink Current
ISW = 1A
VSENSE = VOUT + 10%
0.6
1.0
1.7
1.85
Tj ≤ +125°C
mA
Tj = +25°C
Tj = +25°C
Switch-On Voltage (Note 1)
Tj = +25°C
Tj = +25°C
2.10
V
Tj = +25°C
Supply Current (Note 3)
mA
VIN ≤ 40V, VSENSE = 5.5V
8.5
11
Minimum Supply Voltage
Normal Mode
7.3
8.0
V
3.5
4.8
Tj = +25°C
Tj = +25°C
VIN = ≤ 25V, VSW = 0V
5
300
Switch-Off Leakage
VIN = 40V, VSW = 0V
10
500
µA
Tj < 0°C
Tj ≥ 0°C
ISW = 5A
2.30
2.50
Input Supply Voltage Range
8.0
40.0
V
Maximum Duty Cycle
85
90
%
Tj ≥ 0°C
Tj < 0°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com