Electronic Components Datasheet Search
  English  ▼

X  

AME9172M Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME9172M
Description  Bus Termination Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME9172M Datasheet(HTML) 2 Page - Analog Microelectronics

  AME9172M Datasheet HTML 1Page - Analog Microelectronics AME9172M Datasheet HTML 2Page - Analog Microelectronics AME9172M Datasheet HTML 3Page - Analog Microelectronics AME9172M Datasheet HTML 4Page - Analog Microelectronics AME9172M Datasheet HTML 5Page - Analog Microelectronics AME9172M Datasheet HTML 6Page - Analog Microelectronics AME9172M Datasheet HTML 7Page - Analog Microelectronics AME9172M Datasheet HTML 8Page - Analog Microelectronics AME9172M Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AME
2
Rev.C.01
AME9172M
Bus Termination Regulator
n Function Block Diagram
n Application Circuit
IN
VCNTL
Thermal
&
Over Current
Protection
Circuit
+
-
OUT
VCNTL
REFEN
+
-
GND
Thermal
Sensor
DDR_VTT
C5
1
2
3
4
5
6
7
8
VCC_3.3V/5V
0.75V/2A
10
µF
C4
4.7
µF
C2
4.7
µF
C1
0.1
µF
R1
100K
R2
100K
DDR_1.5V
IN
GND
REFEN
OUT
NC
VCNTL
NC
NC
C3
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com