Electronic Components Datasheet Search
  English  ▼

X  

MAX793 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX793
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX793 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX793 Datasheet HTML 1Page - Maxim Integrated Products MAX793 Datasheet HTML 2Page - Maxim Integrated Products MAX793 Datasheet HTML 3Page - Maxim Integrated Products MAX793 Datasheet HTML 4Page - Maxim Integrated Products MAX793 Datasheet HTML 5Page - Maxim Integrated Products MAX793 Datasheet HTML 6Page - Maxim Integrated Products MAX793 Datasheet HTML 7Page - Maxim Integrated Products MAX793 Datasheet HTML 8Page - Maxim Integrated Products MAX793 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µA
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 3.17V to 5.5V for the MAX793T/MAX795T, VCC = 3.02V to 5.5V for the MAX793S/MAX795S, VCC = 2.72V to 5.5V for the
MAX793R/MAX794/MAX795R, VBATT = 3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ........................................................................-0.3V to 6.0V
VBATT .....................................................................-0.3V to 6.0V
All Other Inputs ..................-0.3V to the higher of VCC or VBATT
Continuous Input Current
VCC .................................................................................200mA
VBATT ................................................................................50mA
GND ..................................................................................20mA
Output Current
VOUT................................................................................200mA
All Other Outputs ..............................................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin SO (derate 5.88mW/°C above +70°C)..................471mW
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C) .842mW
16-Pin Narrow SO (derate 9.52mW/°C above +70°C) ...696mW
Operating Temperature Ranges
MAX793_C_ _/MAX794C_ _/MAX795_C_ _ ......... 0°C to +70°C
MAX793_E_ _/MAX794E_ _/MAX795_E_ _ ........-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX79_E
MAX79_C
VBATT > VCC
(Note 6)
IOUT = 250µA (Note 4)
IOUT = 30mA (Note 4)
VSW > VCC > 1.75V (Note 5)
IOUT = 75mA
VBATT = 2.3V
CONDITIONS
Battery Switch Threshold
(VCC falling)
V
2.30
2.41
2.52
VSW
2.55
2.68
2.80
2.69
2.82
2.95
mV
20
65
VCC -
VBATT
V
VBATT - 0.14
VOUT
OUT Output Voltage in
Battery-Backup Mode
VBATT - 0.1
VBATT - 0.034
V
1.1
5.5
1.0
5.5
Operating Voltage Range,
VCC, VBATT (Note 1)
V
VCC - 0.001
VCC - 0.5mV
VOUT
OUT Output Voltage in
Normal Mode
VCC - 0.12
VCC - 0.050
VCC - 0.3
VCC - 0.125
µA
0.5
Battery Leakage Current
(Note 3)
µA
1
BATT Supply Current
(excluding IOUT) (Note 2)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 0V, VOUT = 0V
µA
1
BATT Leakage Current,
Freshness Seal Enabled
IOUT = 250µA
IOUT = 1mA
MAX793T/MAX795T
MAX793S/MAX795S
This value is identical to the reset threshold,
VCC rising for VBATT > VRST
VCC -
VBATT
MAX793R/MAX795R/
MAX794
VBATT < VRST
mV
25
65
Battery Switch Threshold
(VCC rising) (Note 7)
MAX793/MAX794,
MR = VCC
µA
62
80
ISUPPLY
46
60
VCC Supply Current
(excluding IOUT, ICE OUT)
VCC = 2.1V,
VBATT = 2.3V
µA
32
45
ISUPPLY
VCC Supply Current in
Battery-Backup Mode
(excluding IOUT)
VCC < 3.6V
VCC < 5.5V
MAX793/MAX794
MAX795
24
35
MAX795
49
70
35
50
VCC < 3.6V
VCC < 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com