Electronic Components Datasheet Search
  English  ▼

X  

MAX798 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX798
Description  High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX798 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX798 Datasheet HTML 1Page - Maxim Integrated Products MAX798 Datasheet HTML 2Page - Maxim Integrated Products MAX798 Datasheet HTML 3Page - Maxim Integrated Products MAX798 Datasheet HTML 4Page - Maxim Integrated Products MAX798 Datasheet HTML 5Page - Maxim Integrated Products MAX798 Datasheet HTML 6Page - Maxim Integrated Products MAX798 Datasheet HTML 7Page - Maxim Integrated Products MAX798 Datasheet HTML 8Page - Maxim Integrated Products MAX798 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
High-Accuracy Step-Down Controller
with Synchronous Rectifier for CPU Power
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, GND = PGND = 0V, IVL = IREF = 0A, TA = 0°C to +85°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND .................................................................-0.3V, +36V
GND to PGND........................................................................±2V
VL to GND ...................................................................-0.3V, +7V
BST to GND ...............................................................-0.3V, +36V
DH to LX ........................................................-0.3V, (BST + 0.3V)
LX to BST.....................................................................-7V, +0.3V
SHDN to GND............................................................-0.3V, +36V
SYNC, SS, REF,
SKIP, DL to GND ...................-0.3V, (VL + 0.3V)
CSH, CSL to GND .......................................................-0.3V, +7V
VL Short Circuit to GND..............................................Momentary
REF Short Circuit to GND ...........................................Continuous
VL Output Current ...............................................................50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 8.70mW/°C above +70°C) ........................696mW
Operating Temperature Range
MAX798ESE....................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Rising edge, hysteresis = 25mV
Rising edge, hysteresis = 15mV
SHDN = 2V, 0mA <IVL < 25mA, 5.5V < V+ < 30V
CSH - CSL, negative
CSH - CSL, positive
6V < V+ < 30V
External resistor divider
CSH - CSL = 40mV,
SKIP = VL
0mV < (CSH - CSL) < 80mV,
SKIP = VL
CONDITIONS
V
4.2
4.7
VL/CSL Switchover Voltage
V
3.8
4.0
VL Fault Lockout Voltage
V
4.75
5.25
VL Output Voltage
mA
2.0
SS Fault Sink Current
µA
2.0
4.0
6.5
SS Source Current
V
4.5
30
Input Supply Range
-40
-100
-160
mV
80
100
120
Current-Limit Voltage
%/V
0.04
0.05
Line Regulation
V
1.6
6
Nominal Adjustable Output
Voltage Range
V
1.576
1.6
1.624
Feedback Voltage
%
±0.4
Load Regulation
UNITS
MIN
TYP
MAX
PARAMETER
No external load (Note 1)
V
2.463
2.505
2.537
Reference Output Voltage
Falling edge
V
1.8
2.3
Reference Fault Lockout Voltage
0µA < IREF < 100µA
mV
20
Reference Load Regulation
SHDN = 0V, CSL = 6V, V+ = 0V or 30V, VL = 0V
µA
0.1
1
CSL Shutdown Leakage Current
SHDN = 0V, V+ = 30V, CSL = 0V or 6V
µA
15
V+ Shutdown Current
FB = CSH = CSL = 6V, VL switched over to CSL
µA
15
V+ Off-State Leakage Current
V+ = 4V, CSL = 0V (Note 2)
mW
6.6
10.5
Dropout Power Consumption
CSH = CSL = 6V
mW
6.4
8.5
Quiescent Power Consumption
STEP-DOWN CONTROLLER
INTERNAL REGULATOR AND REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com