Electronic Components Datasheet Search
  English  ▼

X  

OM4001ST Datasheet(PDF) 2 Page - International Rectifier

Part # OM4001ST
Description  Available Screened To MIL-S-19500, TX, TXV And S Levels
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM4001ST Datasheet(HTML) 2 Page - International Rectifier

  OM4001ST Datasheet HTML 1Page - International Rectifier OM4001ST Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM4001ST - OM4002ST
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ELECTRICAL CHARACTERISTICS
Symbol
Characteristic
Conditions
Limits
Type
V
RWM
Working Peak Reverse
OM4001ST
45
V
OM4002ST
60
V
V
R
DC Blocking Voltage
OM4001ST
45
V
OM4002ST
60
V
i
R
Maximum Instantaneous
T
C = 25°C @ VR
5mA
Reverse Current*
T
C = 125°C @ VR
150
mA
V
F
Maximum Instantaneous
T
C = 25°C, IF = 15A
.750
V
Forward Voltage
T
C = 125°C, IF = 15A
.725
V
C
t
Capacitance
V
R = 5.0V
800
pf
*Pulse Test Width = 300
µsec,
2% Duty Cycle.
MECHANICAL OUTLINE
.045
.035
.430
.410
.200
.190
.038 MAX.
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.200 TYP.
.045
.035
.005
50
20
10
5
3
1
0.5
0
0.1
0.2
0.3
0.5
0.5
0.6
0.7
0.8
0.9
1
10
1
0.1
0.01
20
40
60
80
100
120
TYPICAL REVERSE CURRENT
10
20
30
40
50
60
V
R -REVERSE VOLTAGE (VOLTS)
10
1
0.1
0.01
T
J = 25°C
T
J = 100°C
T
J = 125°C
T
J = 150°C
TYPICAL FORWARD VOLTAGE
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
V
F - INSTANTANEOUS VOLTAGE (VOLTS)
100°C
50
20
10
5
0.5
1
3
175°C
150°C
T
J = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com