Electronic Components Datasheet Search
  English  ▼

X  

OM5008ST Datasheet(PDF) 2 Page - International Rectifier

Part # OM5008ST
Description  14 Amp, 400 & 600 Volts, 35 nsec trr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5008ST Datasheet(HTML) 2 Page - International Rectifier

  OM5008ST Datasheet HTML 1Page - International Rectifier OM5008ST Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM5008ST - OM5009ST
3.2
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
TURN-OFF CHARACTERISTICS
Symbols
Test Conditions
Min.
Typ.
Max.
Units
T
rr
I
F = 0.5 A; IR = 1 A; TJ = 25°C
I
F = 1 A; di/dt = -15 A/µs; VR = 30 V; TJ = 25°C
-
-
35
ns
I
RM
V
R = 350 V; IF = 12 A
-4
6
A
L .05 µH; T
J = 100°C; diF/dt = -100 A/µs
ELECTRICAL CHARACTERISTICS
Maximum
Maximum
Maximum
Type
PIV
Forward Voltage
Reverse Current
Reverse
@ 14 A
@ .8x PIV
Recovery
T
j = 25° C
T
j = 150° C
T
j = 25° C
T
j = 125° C
Time
OM5008ST
400
OM5009ST
600
1.75 V
1.65 V
100 µA
3.0 mA
35
DEFINITION OF TURN-OFF CHARACTERISTICS
TYPICAL REVERSE CURRENT
TYPICAL FORWARD VOLTAGE
i
t
t
rr
Q
rr
t
fRM
t
f
V
i,v
O
I
F
I
RM
V
R
0.25 - V
RM
0.9 - I
RM
diF
dt
dt
di
F
100
50
30
20
10
5
2
1
1.1
1.3
1.5
1.7
3
T
J = 125°C
T
J = 25°C
V
F = Instantaneous Voltage (Volts)
100
50
10
5
1
20
40
60
80
100
T
J = 150°C
T
J = 125°C
T
J = 25°C
% of V
RRM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com