Electronic Components Datasheet Search
  English  ▼

X  

OM5201STRT Datasheet(PDF) 1 Page - International Rectifier

Part # OM5201STRT
Description  16 Amp, 50 To 600 Volts, 35 To 50 ns trr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5201STRT Datasheet(HTML) 1 Page - International Rectifier

  OM5201STRT Datasheet HTML 1Page - International Rectifier OM5201STRT Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 43
3.2
4 11 R5
Supersedes 1 07 R4
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY,
CENTER-TAP RECTIFIER
FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Time
• Hermetic Metal Package, JEDEC TO-257AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. The series combines two high
efficiency devices into one package, simplifying installation, reducing heat sink
hardware, and the need to obtain matched components. These devices are ideally
suited for Hi-Rel applications where small size and a hermetically sealed package
is required. Common anode configurations are also available. Common cathode
is standard.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 600 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . .
8A
Surge Current (Non-Repetitive 8.3 msec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to + 150° C
X.
OM5234ST/RT/DT
16 Amp, 50 To 600 Volts, 35 To 50 ns trr
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
MECHANICAL OUTLINE
OM5201ST/RT/DT
OM5202ST/RT/DT
OM5203ST/RT/DT
OM5216ST/RT/DT
OM5217ST/RT/DT
OM5233ST/RT/DT
123
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
SCHEMATIC
Common cathode is standard. Contact the factory for performance
characteristics for common anode and doubler.
Z-Tab package also available.
OMXXXXRT
OMXXXXST
OMXXXXDT


Similar Part No. - OM5201STRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5201STRT ETC2-OM5201STRT Datasheet
25Kb / 2P
HERMETIC JEDEC TO-257AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
More results

Similar Description - OM5201STRT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
List of Unclassifed Man...
1N6768 ETC1-1N6768 Datasheet
26Kb / 2P
16 Amp, 50 To 600 Volts, 35 To 60 ns trr
logo
International Rectifier
OM5221SM IRF-OM5221SM Datasheet
13Kb / 1P
Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
logo
Micro Commercial Compon...
MUR1605FCT MCC-MUR1605FCT Datasheet
78Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Kersemi Electronic Co.,...
MUR1615FCT KERSEMI-MUR1615FCT Datasheet
797Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
MUR1640FCT KERSEMI-MUR1640FCT Datasheet
796Kb / 2P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
International Rectifier
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
OM5209SC IRF-OM5209SC_15 Datasheet
23Kb / 2P
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
logo
Micro Commercial Compon...
MUR1605FCT MCC-MUR1605FCT_16 Datasheet
490Kb / 3P
16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com