Electronic Components Datasheet Search
  English  ▼

X  

OM5209SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM5209SC
Description  15 Amp, 50 To 400 Volts, 35 To 50 ns trr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM5209SC Datasheet(HTML) 1 Page - International Rectifier

  OM5209SC Datasheet HTML 1Page - International Rectifier OM5209SC Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 49
3.2
4 11 R4
Supersedes 1 07 R3
DUAL HIGH EFFICIENCY RECTIFIERS IN
HERMETIC MO-078AA PACKAGE
FEATURES
• Very Low Forward Voltage
• Very Fast Switching Time
• Hermetic 5-Pin Metal Package, JEDEC MO-078AA Outline
• Low Thermal Resistance
• Isolated Package
• High Surge
• Two Uncommitted Rectifiers
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of products in a hermetic package is specifically designed for use at
power switching frequencies in excess of 100 kHz. This series combines two
uncommitted high efficiency devices into one package, simplifying installation,
reducing heat sink hardware, and the need to obtain matched components. These
devices are ideally suited for demanding applications where small size and a
hermetically sealed package are required.
ABSOLUTE MAXIMUM RATINGS (Per Diode) @ 25°C
Peak Inverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 to 400 V
Maximum Average D.C. Output Current @ T
C = 100° C . . . . . . . . . . . . . . . . . . . 15 A
Non-Repetitive Sinusoidal Surge Current 8.3 ms . . . . . . . . . . . . . . . . . . . . . . . . 150 A
Operating and Storage Temperature Range . . . . . . . . . . . . . . . . . - 55° C to +150° C
Z
OM5213SC
OM5211SC
OM5212SC
OM5209SC
OM5210SC
15 Amp, 50 To 400 Volts, 35 To 50 ns trr
1
2
5
4
12 3 4 5
CONNECTION DIAGRAM
SCHEMATIC


Similar Part No. - OM5209SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM5209SC ETC1-OM5209SC Datasheet
23Kb / 2P
DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
OM5209SC ETC2-OM5209SC Datasheet
23Kb / 2P
DUAL HIGH EFFICIENCY RECTIFIERS IN HERMETIC MO-078AA PACKAGE
More results

Similar Description - OM5209SC

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FST19035 MCC-FST19035 Datasheet
132Kb / 3P
200 Amp Rectifier 35 to 50 Volts Schottky Barrier
logo
List of Unclassifed Man...
1N6768 ETC1-1N6768 Datasheet
26Kb / 2P
16 Amp, 50 To 600 Volts, 35 To 60 ns trr
logo
International Rectifier
OM5221SM IRF-OM5221SM Datasheet
13Kb / 1P
Hermetic Surface Mount Package, 20 Amp, 50 To 200 Volts, 35 ns trr
logo
Micro Commercial Compon...
SF61 MCC-SF61 Datasheet
328Kb / 4P
6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
International Rectifier
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
OM5201STRT IRF-OM5201STRT_15 Datasheet
25Kb / 2P
16 Amp, 50 To 600 Volts, 35 To 50 ns trr
logo
DONGGUAN YOU FENG WEI E...
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
2.0 Amp Super Fast Rectifier 50 to 400 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com