Electronic Components Datasheet Search
  English  ▼

X  

MAX792LCSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX792LCSE
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792LCSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX792LCSE Datasheet HTML 1Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 2Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 3Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 4Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 5Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 6Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 7Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 8Page - Maxim Integrated Products MAX792LCSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
_______________________________________________________________________________________
3
Microprocessor and Non-Volatile
Memory Supervisory Circuits
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.65V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
ms
MIN
TYP
MAX
UNITS
µA
LOWLINE Short-Circuit Current
Output source current, VCC = 5.5V
10
50
SWT connected to VCC, VCC = 5V
1.00
1.60
2.25
SWT connected to VCC, VCC = 3V
1.00
1.60
2.25
4.7nF capacitor connected from SWT to GND,
VCC = 3V
70
Watchdog Timeout Period
4.7nF capacitor connected from SWT to GND,
VCC = 5V
MAX792/MAX820L/M
100
sec
50
120
210
Low-Line Threshold Voltage
(Internal Threshold Mode)—VTH
MAX792/MAX820R/S/T
VCC = 5V
40
100
210
mV
100
MAX792, VCC = 5V OR VCC = 3V
Watchdog Input Pulse Width
VIL = 0V, VIH = VCC
1.25
1.30
1.35
Low-Line Threshold Voltage
(External Programming Mode)
VCC = 3V
MAX820, VCC = 5V OR VCC = 3V
300
ns
1.274
1.30
1.326
V
Low-Line Hysteresis
(Internal Threshold Mode)
ISINK = 50µA, VCC = 1V, VCC falling
20
mV
0.01
0.30
ISINK = 1.6mA
0.1
0.4
ISOURCE = 1mA
VCC - 1
WDO Output Voltage
ISOURCE = 100µA
VCC - 0.5
V
ISOURCE = 100µA
WDPO to WDO Delay
70
ns
WDPO Duration
0.5
1.7
6.0
ms
ISINK = 50µA, VCC = 1V, VCC falling
0.01
0.3
ISINK = 1.6mA
0.1
0.4
VIH
ISOURCE = 1mA
VCC - 1
WDPO Output Voltage
VIL
VCC - 0.5
V
VIH
0.75 x VCC
VIL
VCC = 4.25V
0.8
0.9 x VCC
WDI Threshold Voltage
VCC = 2.55V
0.2
V
WDI Input Current
±1
µA
LLIN/REFOUT Leakage Current
External Programming Mode
±0.01
±25
nA
Low-Line Comparator Delay
VCC falling
450
µs
ISINK = 3.2mA
0.4
LOWLINE Voltage
ISOURCE = 1µA
VCC - 1
V
LOW-LINE COMPARATOR
WATCHDOG FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com