Electronic Components Datasheet Search
  English  ▼

X  

FX604 Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX604
Description  Optional Line Equalisation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX604 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX604 Datasheet HTML 9Page - CML Microcircuits FX604 Datasheet HTML 10Page - CML Microcircuits FX604 Datasheet HTML 11Page - CML Microcircuits FX604 Datasheet HTML 12Page - CML Microcircuits FX604 Datasheet HTML 13Page - CML Microcircuits FX604 Datasheet HTML 14Page - CML Microcircuits FX604 Datasheet HTML 15Page - CML Microcircuits FX604 Datasheet HTML 16Page - CML Microcircuits FX604 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
V.23 Compatible Modem
FX604
© 1996 Consumer Microcircuits Limited
15
D/604/3
Notes
Min.
Typ.
Max.
Units
Data and Mode Timing
Rx Data Delay (RXIN to RXD)
8
-
2.55
-
ms
Tx Data Delay (TXD to TXOP)
8
-
0.1
-
ms
Mode ZP to Tx or Rx
9
-
-
20
ms
Mode Tx1200 to Rx1200
9
-
-
4.0
ms
Mode Rx1200 to Tx1200
9
-
-
0.2
ms
Input Amplifier
Impedance (RXIN Pin)
6
10.0
-
-
M
Ω
Voltage Gain
6
-
500
-
V/V
XTAL/CLOCK Input
'High' Pulse Width
7
100
-
-
ns
'Low' Pulse Width
7
100
-
-
ns
Notes:
1.
At 25
°C, not including any current drawn from the FX604 pins by external circuitry other than
X1, C1 and C2.
2.
TXD, RXEQ and CLK inputs at VSS, M0 and M1 inputs at VDD.
3.
Measured at the Rx Input Amplifier output (pin RXFB) for 1300Hz and VDD= 5.0V.
The internal threshold levels are proportional to VDD. To cater for other supply voltages or
different signal level ranges the voltage gain of the Rx Input Amplifier should be adjusted by
selecting the appropriate external components as described in section 1.6.1
4.
Flat noise in 300-3400Hz band.
5.
Relative to 775mVrms at VDD= 5.0V for load resistances greater than 40kΩ.
6.
Open loop, small signal low frequency measurements.
7.
Timing for an external input to the XTAL/CLOCK pin.
8.
Assuming data retiming is not enabled.
9.
Delay from mode change to reliable data at TXOP or RXD pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com