Electronic Components Datasheet Search
  English  ▼

X  

FX919B Datasheet(PDF) 22 Page - CML Microcircuits

Part # FX919B
Description  Excellent Radio Fading Performance
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B Datasheet(HTML) 22 Page - CML Microcircuits

Back Button FX919B Datasheet HTML 18Page - CML Microcircuits FX919B Datasheet HTML 19Page - CML Microcircuits FX919B Datasheet HTML 20Page - CML Microcircuits FX919B Datasheet HTML 21Page - CML Microcircuits FX919B Datasheet HTML 22Page - CML Microcircuits FX919B Datasheet HTML 23Page - CML Microcircuits FX919B Datasheet HTML 24Page - CML Microcircuits FX919B Datasheet HTML 25Page - CML Microcircuits FX919B Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
22
D/919B/1
RRC Filter Delay
The previous task timing figures are based on the signal at the input to the RRC filter (in transmit mode) or the
input to the de-interleave buffer (in receive mode). There is an additional delay of about 8 symbol times through
to the RRC filter in both transmit and receive modes, as illustrated below:
Symbol-times
Tx Symbol to RRC Filter
Rx Symbol to De-interleave Buffer
Tx Symbol at Txop pin / Rx Symbol from FM discriminator
Figure 12 RRC Low Pass Filter Delay
1.5.5.3
Control Register
This 8-bit write-only register controls the modem's symbol rate, the response times of the receive clock
extraction and signal level measurement circuits and the Frame Sync pattern recognition tolerance.
Control Register B7, B6: CKDIV - Clock Division Ratio
These bits control a frequency divider driven from the clock signal present at the XTALN pin, and hence
determine the nominal symbol rate. The table below shows how symbol rates of 2400/4800/9600 symbols/sec
may be obtained from common Xtal frequencies:
Xtal Frequency (MHz)
2.4576
4.9152
9.8304
B7
B6
Division Ratio:
Xtal Frequency/Symbol Rate
Symbol Rate (symbols/sec)
0
0
512
4800
9600
0
1
1024
2400
4800
9600
1
0
2048
2400
4800
1
1
4096
2400
Note: Device operation is not guaranteed below 2400 or above 9600 symbols/sec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com