Electronic Components Datasheet Search
  English  ▼

X  

MX019 Datasheet(PDF) 4 Page - CML Microcircuits

Part # MX019
Description  Output Mute Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX019 Datasheet(HTML) 4 Page - CML Microcircuits

  MX019 Datasheet HTML 1Page - CML Microcircuits MX019 Datasheet HTML 2Page - CML Microcircuits MX019 Datasheet HTML 3Page - CML Microcircuits MX019 Datasheet HTML 4Page - CML Microcircuits MX019 Datasheet HTML 5Page - CML Microcircuits MX019 Datasheet HTML 6Page - CML Microcircuits MX019 Datasheet HTML 7Page - CML Microcircuits MX019 Datasheet HTML 8Page - CML Microcircuits MX019 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Quad Digital Control Amplifier
4
MX019
1998 MX-COM, INC.
www.mxcom.com Tel: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc. # 20480077.006
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
2. Signal List
Pin No.
J/P
DW
TN
Name
Description
1
1
Serial Clock
This external clock pulse input is used to “clock in” the Control Data. See
Figure 3. This input has an internal 1M
 pullup resistor.
22
Load/ Latch
This input governs the loading and execution of the control data. During
serial data loading this input should be kept at a logical '0' to ensure that data
rippling past the latches has no effect. When all 8 bits have been loaded,
this input should be strobed '0 - 1 - 0' to latch the new data in. Data is
executed on the falling edge of the strobe. If the Load /Latch input is used
this pin should be left open circuit. This input has an internal 1M
 pullup
resistor.
34
LATCH
/
LOAD
This inverted Load/ Latch input governs the loading and execution of control
data. During serial data loading this input should be kept at a logical '1' to
ensure that data rippling past the latches has no effect. When all 8 bits have
been loaded, this input should be strobed '1' - '0' - '1' to latch the new data in.
Data is executed on the rising edge of the strobe. If the Load/ Latch input is
used this pin should be left open circuit. This input has an internal 1M

pulldown resistor.
4
5
Ch1 Input
Analog Inputs :
5
6
Ch2 Input
These individual amplifier inputs are self-biasing; AC input analog signals
must be capacitively coupled to these pins, as shown in Figure 2.
6
7
Ch3 Input
Note that amplifiers Ch1 to Ch4 are 'inverting amplifiers.'
7
8
Ch4 Input
812
VSS
Negative supply rail (GND).
913
VBIAS
The output of the on-chip bias circuitry, held at VDD/2. This pin should be
decoupled to V
SS as shown in Figure 2.
10
14
Ch4 Output
Controlled Analog Outputs :
11
17
Ch3 Output
These are individual "Gain Controlled" amplifier outputs. Ch1 to Ch3 range
from -3dB to +3dB in 0.43dB steps, Ch4 can be utilized as a volume control,
12
18
Ch2 Output
ranging from -14dB to +14dB in 2.0dB steps. In the “OFF” mode there is no
13
19
Ch1 Output
output from the selected amplifier.
14
20
Chip Address
A logic input to select one of two MX019 ICs in a system (see Table 1). This
input has an internal 1M
 pulldown resistor.
15
23
Control Data
Input
Operation of the 4 amplifier channels (Ch1 – Ch4) is controlled by the 8 bits
of data entered serially at this pin. The data is entered (bit 7 to bit 0) on the
rising edge of the external Serial Clock. The data format is described in
Table 1, Table 2 and Figure 3. This input has an internal 1M
 pullup resistor.
16
24
VDD
Positive supply rail. A single +5V power supply is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com