Electronic Components Datasheet Search
  English  ▼

X  

OM6516SC Datasheet(PDF) 1 Page - International Rectifier

Part # OM6516SC
Description  Isolated IGBTs In A Hermetic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM6516SC Datasheet(HTML) 1 Page - International Rectifier

  OM6516SC Datasheet HTML 1Page - International Rectifier OM6516SC Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Isolated IGBTs In A Hermetic Package
• High Input Impedance
• Low On-Voltage
• High Current Capability
• High Switching Speed
• Low Tail Current
• Available With Free Wheeling Diode
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This IGBT power transistor features the high switching speeds of a power MOSFET
and the low on-resistance of a bipolar transistor. It is ideally suited for high power
switching applications such as frequency converters for 3Ø motors, UPS and high
power SMPS.
MAXIMUM RATINGS @ 25°C Unless Specified Otherwise
3.1 - 155
3.1
1000 Volt, 25 Amp, N-Channel IGBT
In A Hermetic Metal Package
4 11 R2
Supersedes 2 07 R1
INSULATED GATE BIPOLAR TRANSISTOR
(IGBT) IN A HERMETIC TO-258AA PACKAGE
OM6516SC
OM6520SC
SCHEMATICS
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
OM6516SC
OM6520SC(w/Diode)
Collector
Collector
Emitter
Emitter
12
3
CE
G
Gate
Gate
MECHANICAL OUTLINE
PART
I
C (Cont.)
V
(BR)CES
V
CE (sat) (Typ.)
T
f (Typ.)
q
q
JC
P
D
T
J
NUMBER
@ 90°C, A
V
V
ns
°C/W
W
°C
OM6516SC
25
1000
4.0
300
1.0
125
150
OM6520SC
25
1000
4.0
300
1.0
125
150
NOTE: IGBTs are also available in Z-Tab, dual and quad
pak styles - Please call the factory for more information.
PACKAGE OPTIONS
MOD PAK
6 PIN SIP


Similar Part No. - OM6516SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6516SC ETC-OM6516SC Datasheet
20Kb / 2P
1000 Volt, 25 Amp, N-Channel IGBT In A Hermetic Metal Package
More results

Similar Description - OM6516SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6056 ETC-OM6056 Datasheet
29Kb / 2P
POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
logo
International Rectifier
OM6001ST IRF-OM6001ST_15 Datasheet
49Kb / 4P
Isolated Hermetic Metal Package
OM6005SC IRF-OM6005SC_15 Datasheet
50Kb / 4P
Isolated Hermetic Metal Package
OM6025SC IRF-OM6025SC_15 Datasheet
42Kb / 4P
Isolated Hermetic Metal Package
OM6517SA IRF-OM6517SA_15 Datasheet
38Kb / 2P
Isolated IGBTs In A Hermetic Package
logo
Inchange Semiconductor ...
2N7081 ISC-2N7081 Datasheet
65Kb / 2P
TO??20 ISOLATED HERMETIC PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com