Electronic Components Datasheet Search
  English  ▼

X  

MAX771ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX771ESA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX771ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX771ESA Datasheet HTML 6Page - Maxim Integrated Products MAX771ESA Datasheet HTML 7Page - Maxim Integrated Products MAX771ESA Datasheet HTML 8Page - Maxim Integrated Products MAX771ESA Datasheet HTML 9Page - Maxim Integrated Products MAX771ESA Datasheet HTML 10Page - Maxim Integrated Products MAX771ESA Datasheet HTML 11Page - Maxim Integrated Products MAX771ESA Datasheet HTML 12Page - Maxim Integrated Products MAX771ESA Datasheet HTML 13Page - Maxim Integrated Products MAX771ESA Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
frequencies (up to 300kHz), allowing the use of tiny
external components.
As with traditional PFM converters, the power transistor
is not turned on until the voltage comparator senses
that the output is out of regulation. However, unlike tra-
ditional PFM converters, the MAX770–MAX773 switch
using the combination of a peak current limit and a pair
of one-shots that set the maximum on-time (16µs) and
minimum off-time (2.3µs); there is no oscillator. Once
off, the minimum off-time one-shot holds the switch
off for 2.3µs. After this minimum time, the switch either
1) stays off if the output is in regulation, or 2) turns on
again if the output is out of regulation.
The control circuitry allows the ICs to operate in contin-
uous-conduction mode (CCM) while maintaining high
efficiency with heavy loads. When the power switch is
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
10
______________________________________________________________________________________
MAX770
VIN = 3V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
100
µF
L1
22
µH
D1
1N5817
MTP3055EL
RSENSE
75m
Ω
C4
300
µF
C3
0.1
µF
5
4
3
6
1
8
2
V+
VOUT = 5V
@ 1A
Figure 2a. 5V Preset Output, Bootstrapped
Figure 2b. 12V Preset Output, Bootstrapped
Figure 2c. 12V Output, Non-Bootstrapped
Figure 2d. 9V Output, Bootstrapped
MAX770
MAX771
MAX772
VIN = 5V
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
L1
22
µH
D1
1N5817
R1
18k
C4
200
µF
C3
0.1
µF
5
4
6
1
8
3
2
V+
C1
68
µF
VOUT = 12V
@ 0.5A
R2
127k
RSENSE
100m
Ω
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
MAX770
MAX771
MAX772
REF
SHDN
AGND
GND
N
7
EXT
CS
FB
C1
47
µF
L1
20
µH
D1
1N5817
R1
28k
C4
100
µF
C3
0.1
µF
5
4
6
1
8
3
2
V+
VOUT = 9V
R2
140k
RSENSE
C2
0.1
µF
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
Si9410DY
VIN = 4V
MAX771
VIN = 5V
REF
SHDN
FB
AGND
GND
N
7
EXT
CS
C2
0.1
µF
C1
68
µF
L1
22
µH
D1
1N5817
Si9410DY
RSENSE
100m
Ω
C4
200
µF
C3
0.1
µF
5
4
3
6
1
8
2
V+
VOUT = 12V
@ 0.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com