Electronic Components Datasheet Search
  English  ▼

X  

MAX776 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX776
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX776 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX776 Datasheet HTML 1Page - Maxim Integrated Products MAX776 Datasheet HTML 2Page - Maxim Integrated Products MAX776 Datasheet HTML 3Page - Maxim Integrated Products MAX776 Datasheet HTML 4Page - Maxim Integrated Products MAX776 Datasheet HTML 5Page - Maxim Integrated Products MAX776 Datasheet HTML 6Page - Maxim Integrated Products MAX776 Datasheet HTML 7Page - Maxim Integrated Products MAX776 Datasheet HTML 8Page - Maxim Integrated Products MAX776 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
90
1
10
1000
MAX774
EFFICIENCY vs. LOAD CURRENT
VOUT = -5V (BOOTSTRAPPED)
70
80
LOAD CURRENT (mA)
60
50
100
VIN = 5V
VIN = 3V
VIN = 15V
90
50
1
100
MAX774
EFFICIENCY vs. LOAD CURRENT
VOUT = -5V (NON-BOOTSTRAPPED)
60
80
LOAD CURRENT (mA)
10
1000
70
VIN = 15V
VIN = 5V
VIN = 4V
90
50
-40
-20
40
100
MAX774
EFFICIENCY vs. TEMPERATURE
60
80
TEMPERATURE (°C)
20
060
80
70
ILOAD = 600mA
ILOAD = 1A
ILOAD = 100mA
VIN = 5V
BOOTSTRAPPED
90
50
1
100
MAX776
EFFICIENCY vs. LOAD CURRENT
VOUT = -15V (BOOTSTRAPPED)
60
80
LOAD CURRENT (mA)
10
1000
70
VIN = 4V
VIN = 3V
VIN = 6V
VIN = 5V
90
50
1
100
MAX774/MAX775/MAX776
EFFICIENCY vs. LOAD CURRENT
VOUT = -24V (NON-BOOTSTRAPPED)
60
80
LOAD CURRENT (mA)
10
1000
70
VIN = 4V
VIN = 5V
VIN = 6V
90
50
1
100
MAX776
EFFICIENCY vs. LOAD CURRENT
VOUT = -15V (NON-BOOTSTRAPPED)
60
80
LOAD CURRENT (mA)
10
1000
70
VIN = 4V
VIN = 5V
VIN = 15V
VIN = 6V
90
50
1
100
MAX775
EFFICIENCY vs. OUTPUT CURRENT
VOUT = -12V (BOOTSTRAPPED)
60
80
OUTPUT CURRENT (mA)
10
1000
70
VIN = 4V
VIN = 5V
VIN = 8V
90
50
1
100
MAX774/MAX775/MAX776
EFFICIENCY vs. LOAD CURRENT
VOUT = -24V OUTPUT (ZENER CONNECTION)
60
80
LOAD CURRENT (mA)
10
1000
70
VIN = 4V
VIN = 5V
VIN = 6V
88
74
2
4
10
16
MAX774
EFFICIENCY vs. INPUT VOLTAGE
VOUT = -5V AT 100mA
78
76
84
86
INPUT VOLTAGE (V)
8
612
14
82
80
BOOTSTRAPPED
NON-BOOTSTRAPPED
VOUT = -5V AT 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com