Electronic Components Datasheet Search
  English  ▼

X  

MAX792LEPE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX792LEPE
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792LEPE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX792LEPE Datasheet HTML 1Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 2Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 3Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 4Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 5Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 6Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 7Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 8Page - Maxim Integrated Products MAX792LEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
_______________________________________________________________________________________
Microprocessor and Non-Volatile
Memory Supervisory Circuits
Note 1: The minimum operating voltage is 2.65V; however, the device is guaranteed to operate down to its preset reset threshold.
Note 2: Pulling RESET IN/INT below 60mV selects internal threshold mode and connects the internal voltage divider to the reset
and low-line comparators. External programming mode allows an external resistor divider to set the low-line and reset
thresholds (see Figure 4).
Note 3: The Chip-Enable Propagation delay is measured from the 50% point at CE IN to the 50% point at CE OUT.
PARAMETER
CONDITIONS
VCC = 5V or VCC = 3V
MIN
TYP
MAX
UNITS
ISINK = 3.2mA
ISOURCE = 1µA
Output source current, VCC = 5.5V
VOD = 100mV, OVI rising
MR Pull-Up Current
VIH
0.75 x VCC
MR = 0V
VCC = 2.5V
VCC = 4.25V
VIL
0.8
1
VIH
0.75 x VCC
CE IN Threshold Voltage
VCC = 2.55V
VIL
0.2
V
CE IN Leakage Current
50
Ω source impedance driver,
CLOAD = 50pF
Disabled mode
±0.005
±1
µA
VCC = 5V
VCC = 3V
VCC = 5V
75
150
610
CE IN to CE OUT Resistance
OVI Input Threshold
Enabled mode
VCC = 3V
150
300
1.25
1.30
1.35
V
OVI Leakage Current
Ω
±0.01
±25
nA
VCC = 5V
0.5
2.5
CE OUT Short-Circuit Current
0.4
OVO Output Voltage
Disabled mode, CEOUT = 0V
VCC = 3V
0.05
0.2
0.4
VCC - 1
V
mA
Chip-Enable Propagation Delay
(Note 3)
10
50
813
ns
IOUT = -100µA
VCC - 1
Chip-Enable Output Voltage
High (Reset Active)
IOUT = 10µA
VCC - 0.5
V
Reset Active to CE OUT High
VCC falling
15
µs
MR Minimum Pulse Width
25
µs
MR to RESET Propagation Delay
12
µs
MR Threshold Range
1.1
1.3
1.5
V
VCC = 4.25V
to VCC = 5.5V
523
80
µA
OVO Short-Circuit Current
µA
13
OVI to OVO Delay
VOD = 100mV, OVI falling
55
µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.65V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.)
MANUAL RESET
CHIP-ENABLE GATING
OVERVOLTAGE COMPARATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com