Electronic Components Datasheet Search
  English  ▼

X  

MAX835 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX835
Description  Micropower, Latching Voltage Monitors in SOT23-5
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX835 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX835 Datasheet HTML 1Page - Maxim Integrated Products MAX835 Datasheet HTML 2Page - Maxim Integrated Products MAX835 Datasheet HTML 3Page - Maxim Integrated Products MAX835 Datasheet HTML 4Page - Maxim Integrated Products MAX835 Datasheet HTML 5Page - Maxim Integrated Products MAX835 Datasheet HTML 6Page - Maxim Integrated Products MAX835 Datasheet HTML 7Page - Maxim Integrated Products MAX835 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micropower, Latching Voltage Monitors
in SOT23-5
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +11V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT (MAX834), CLEAR to GND ......................-0.3V to 12V
IN,
OUT (MAX835), to GND........................-0.3V to (VCC + 0.3V)
INPUT Current
VCC .................................................................................20mA
IN.....................................................................................10mA
OUT Current.......................................................................-20mA
VCC Rate of Rise .............................................................100V/µs
Continuous Power Dissipation
SOT23-5 (derate 7.1mW/°C above +70°C)..................571mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
2.4
5
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Threshold Voltage
VTH
1.185
1.204
1.215
V
IN Operating Voltage
Range (Note 1)
VIN
0VCC -1
V
IN Leakage Current
(Note 3)
IIN
nA
±3
±12
Operating Voltage
Range (Note 1)
VCC
2.5
11
V
Propagation Delay
tPL
80
µs
Glitch Immunity
35
µs
OUT Rise Time
tRT
200
µs
OUT Fall Time
tFT
480
µs
Output Leakage
Current (Note 4)
ILOUT
±1
µA
Output Voltage High
VOH
VCC - 0.5
V
Output Voltage Low
VOL
0.4
V
CONDITIONS
VCC = 5V, 50mV overdrive
VCC = 5V, 100mV overdrive
VIN falling
VCC = 5V, no load (MAX835 only)
VCC = 5V, no load (MAX834 pull-up = 10kΩ)
VIN = VTH
VIN > VTH(MAX) (MAX834 only)
VIN > VTH(MAX), ISOURCE = 500µA (MAX835 only)
VIN < VTH(MIN),ISINK = 500µA
10
TA = +25°C
VCC = 3.6V
TA = TMIN to TMAX
VIN = 1.16V,
OUT = low,
VCLEAR ≥ VCC - 0.25V
or VCLEAR ≤ 0.25V
ICC
15
µA
VCC = full operating range
1.1
4
8
VCC = full operating range
TA = TMIN to TMAX
VIN = 1.25V,
OUT = high,
VCLEAR ≥ VCC - 0.25V
or VCLEAR ≤ 0.25V
TA = +25°C
VCC = 3.6V
Supply Current
(Note 2)
13
Threshold Voltage
Hysteresis
VHYST
6
mV
VCC = 5V, IN = low to high
TA = +25°C
TA = 0°C to +70°C
1.169
1.204
1.231



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com