Electronic Components Datasheet Search
  English  ▼

X  

UM603AG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UM603AG-S08-R
Description  DUAL OPERATIONAL AMPLIFIER AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM603AG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UM603AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UM603AG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UM603A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-031.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
36
V
Differential Input Voltage
VI(DIFF)
36
V
Input Voltage
VIN
-0.3 ~ +36
V
Junction Temperature
TJ
+125
C
Operating Temperature
TOPR
-55 ~ +125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
SOP-8
175
Junction to Ambient
TSSOP-8
θJA
120
C/W
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
+=5V, no load, TMIN≤TA≤TMAX
0.7
1.2
Total Supply Current, excluding
Current in the Voltage Reference
ICC
VCC
+=30V, no load, TMIN≤TA≤TMAX
2
mA
VCC+=+5V, VCC=Ground, TA=25C (unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPERATOR1
(op-amp with non-inverting input connected to the internal VREF)
TA=25C
0.5
2
UM603A-1
VI(CM)=0V
TMIN ≤ TA ≤ TMAX
3
mV
TA=25C
1
4
Input Offset Voltage
UM603A-2
VI(OFF)
VI(CM)=0V
TMIN ≤ TA ≤ TMAX
5
mV
Input Offset Voltage Drift
DVI(OFF)
7
μV/
C
Input Bias Current
II(BIAS)
negative input
20
nA
Large Signal Voltage Gain
AVD
VI(CM)=0V, VCC=15V, RL=2k
100
V/mV
Supply Voltage Rejection Ratio
SVR
VI(CM)=0V, VCC=5V ~30V
65
100
dB
Output Current Source
ISOURCE VOUT=2V, VCC=+15V, VID=+1V
20
40
mA
Short Circuit to Ground
ISC
VCC =+15V
40
60
mA
Output Current Sink
ISINK
VID=-1V, VCC=+15V, VOUT=2V
10
20
mA
TA=25C, RL=10k
27
High Level Output Voltage
VOH
VCC
+=30V
TMIN ≤ TA ≤ TMAX
27
28
V
RL=10k
5
20
Low Level Output Voltage
VOL
TMIN≤TA≤TMAX
5
20
mV
Slew Rate at Unity Gain
SR
VIN=0.5 ~ 3V, VCC=15V
RL=2k, CL=100pF, unity gain
0.2
0.4
V/μs
Gain Bandwidth Product
GBP
VCC=30V, RL=2K, CL=100pF
f=100kHz, VIN=10mV
0.5
0.9
MHz
Total Harmonic Distortion
THD
f=1kHz, CL=100pF, VOUT=2VPP
Av=20dB, RL=2k, VCC=30V
0.02
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com