Electronic Components Datasheet Search
  English  ▼

X  

USL3631 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # USL3631
Description  NON-ISOLATED BUCK OFFLINE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL3631 Datasheet(HTML) 5 Page - Unisonic Technologies

  USL3631 Datasheet HTML 1Page - Unisonic Technologies USL3631 Datasheet HTML 2Page - Unisonic Technologies USL3631 Datasheet HTML 3Page - Unisonic Technologies USL3631 Datasheet HTML 4Page - Unisonic Technologies USL3631 Datasheet HTML 5Page - Unisonic Technologies USL3631 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
USL3631
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R103-076.d
APPLICATION INFORMATION(Cont.)
Over Voltage Protection
The over voltage protection can be programmed by the ROVP pin resistor. The ROVP pin voltage is 0.5V.
When the LED is open circuit, the output voltage increases gradually, and the demagnetization time gets shorter.
The demagnetization time at OVP---- Tovp can be calculated by the open circuit protection voltage:
OVP
PK
OVP
V
I
L
T
≈
Where,
Vovp is the open circuit protection voltage
And then the Rovp resistor value can be calculated by the equation:
6
10
9
1
≈
p
To
ROVP
(kΩ)
Protection Function
The UTC USL3631 offers rich protection functions to improve the system reliability, including LED open/short
protection, CS resistor short protection, VCC under voltage protection, thermal regulation. When the LED is open
circuit, the system will trigger the over voltage protection and stop switching.
When the LED short circuit is detected, the system works at low frequency (about 5kHz), and the CS pin turn off
threshold is reduced to 200mV. So the system power consumption is very low. At some catastrophic fault condition,
such as CS resistor shorted or inductor saturated, the internal fast fault detection circuit will be triggered, the system
stops switching immediately.
After the system enters into fault condition, the VCC voltage will decrease until it reaches the UVLO threshold,
then the system will re-start again. If the fault condition is removed, the system will recover to normal operation.
Thermal Regulation
The UTC USL3631 integrates thermal regulation function. When the system is over temperature, the output
current is gradually reduced; the output power and thermal dissipation are also reduced. The system temperature is
regulated and the system reliability is improved. The thermal regulation temperature is set to 150°C internally.
PCB Layout
The following rules should be followed in UTC USL3631 PCB layout:
Bypass Capacitor
The bypass capacitor on VCC pin should be as close as possible to the VCC Pin and GND pin.
ROVP Pin
The ROVP resistor should be as close as possible to the ROVP Pin.
Ground Path
The power ground path for current sense should be short, and the power ground path should be separated from
small signal ground path before connecting to the negative node of the bulk capacitor.
The Area of Power Loop
The area of main current loop should be as small as possible to reduce EMI radiation, such as the inductor, the
power MOSFET, the output diode and the bus capacitor loop.
NC pin
The NC pin should be connected to GND (pin1).
Drain Pin
To increase the copper area of DRAIN pin for better thermal dissipation. However too large copper area may
compromise EMI performance.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com