Electronic Components Datasheet Search
  English  ▼

X  

USP720 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USP720
Description  ELECTRONIC PROTECTION ARRAY FOR ESD
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USP720 Datasheet(HTML) 4 Page - Unisonic Technologies

  USP720 Datasheet HTML 1Page - Unisonic Technologies USP720 Datasheet HTML 2Page - Unisonic Technologies USP720 Datasheet HTML 3Page - Unisonic Technologies USP720 Datasheet HTML 4Page - Unisonic Technologies USP720 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USP720
Preliminary
TVS
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R224-001.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Continuous Supply Voltage, (V+) - (V-)
VS
35
V
Forward Peak Current, IIN to VCC, IIN to GND
IF
±2
A
Storage Temperature
TSTG
-65~+150
°C
Operating Junction Temperature
TJ
150
°C
Load Dump and Reverse Battery (Note 2)
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. In automotive and battery operated systems, the power supply lines should be externally protected for load
dump and reverse battery. When the V+ and V- pins are connected to the same supply voltage source as
the device or control line under protection, a current limiting resistor should be connected in series between
the external supply and the UTC USP720 supply pins to limit reverse battery current to within the rated
maximum limits. Bypass capacitors of typically 0.01µF or larger from the V+ and V- pins to ground are
recommended.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
90
°C/W
Notes: θJA is measured with the component mounted on an evaluation PC board in free air.
ELECTRICAL CHARACTERISTICS (TA=-40°C~105°C; VIN=0.5VCC, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Operating Voltage Range,
VSUPPLY=[(V+) - (V-)]
VSUPPLY
2
30
V
Forward Voltage Drop:
IN to V-
VFWDL
IIN=1A (Peak Pulse)
2
V
IN to V+
VFWDH
2
V
Input Leakage Current
IIN
-20
5
20
nA
Quiescent Supply Current
IQUIESCENT
50
200
nA
Equivalent SCR ON Threshold
1.1
V
Equivalent SCR ON Resistance
VFWD/IFWD
1
Ω
Input Capacitance
CIN
3
pF
Input Switching Speed
tON
2
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com