Electronic Components Datasheet Search
  English  ▼

X  

MAX845ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX845ESA
Description  Isolated Transformer Driver for PCMCIA Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX845ESA Datasheet HTML 1Page - Maxim Integrated Products MAX845ESA Datasheet HTML 2Page - Maxim Integrated Products MAX845ESA Datasheet HTML 3Page - Maxim Integrated Products MAX845ESA Datasheet HTML 4Page - Maxim Integrated Products MAX845ESA Datasheet HTML 5Page - Maxim Integrated Products MAX845ESA Datasheet HTML 6Page - Maxim Integrated Products MAX845ESA Datasheet HTML 7Page - Maxim Integrated Products MAX845ESA Datasheet HTML 8Page - Maxim Integrated Products MAX845ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Isolated Transformer Driver
for PCMCIA Applications
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(
Typical Operating Circuit, VIN = 5V, C1 = 0.1µF, C2 = C3 = 0.33µF, T1 = Halo TGM-010P3, CR1 = CR2 = MBR0520, FS = VCC,
TA = +25°C, unless otherwise noted.)
SWITCHING WAVEFORMS
(TWO CYCLES)
5V/div
400ns/div
D1
D2
SWITCHING WAVEFORM
(BREAK-BEFORE-MAKE)
500mV/div
200ns/div
D2OFF
D1OFF
CIRCUIT
OF FIG. 1
D2ON
D1ON
TIME FROM SHUTDOWN TO POWER-UP
2V/div
5
µs/div
SD
OUTPUT
_____________________Pin Description
No Connect. Not internally connected.
N.C.
5
+5V Supply Voltage
VCC
6
Ground. Connect both GND1 and GND2 to
ground.
GND2
7
Open Drain of N-Channel Transformer Drive 2
D2
8
Shutdown. Ground for normal operation,
connect to VCC for shutdown.
SD
4
Frequency Select (internal pull-up). If FS =
VCC or open, switch frequency = 725kHz; if
FS = 0V, switch frequency = 535kHz.
FS
3
PIN
Ground. Connect both GND1 and GND2 to
ground.
GND1
2
Open Drain of N-Channel Transformer Drive 1
D1
1
FUNCTION
NAME
MAX845
D1
D2
FS
GND1
GND2
VCC
1
8
4
6
2
7
3
SD
FREQUENCY
SELECT
ON / OFF
R2
50
Ω
R1
50
Ω
VIN
5V
C1
0.1µF
Figure 1. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com