Electronic Components Datasheet Search
  English  ▼

X  

MAX844ISA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX844ISA
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX844ISA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX844ISA Datasheet HTML 1Page - Maxim Integrated Products MAX844ISA Datasheet HTML 2Page - Maxim Integrated Products MAX844ISA Datasheet HTML 3Page - Maxim Integrated Products MAX844ISA Datasheet HTML 4Page - Maxim Integrated Products MAX844ISA Datasheet HTML 5Page - Maxim Integrated Products MAX844ISA Datasheet HTML 6Page - Maxim Integrated Products MAX844ISA Datasheet HTML 7Page - Maxim Integrated Products MAX844ISA Datasheet HTML 8Page - Maxim Integrated Products MAX844ISA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Figures 2a and 2c, 2.5V
≤ VIN ≤ 10V, VOUT = -2V, GND = 0V, RL = ∞, SHDN = VIN, TA = TMIN to TMAX, unless otherwise noted.
Typical values are measured at VIN = 3.6V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
The output may be shorted to NEGOUT or GND if the package power dissipation is not exceeded. Typical short-circuit
current from 4V to GND is 40mA.
Supply Voltage, VIN to GND ..................................-0.3V to 10.5V
VNEGOUT to GND ...................................................-10.5V to 0.3V
VIN to VNEGOUT.........................................................-0.3V to 21V
VOUT to GND (Note 1).......................................VNEGOUT to 0.3V
V SHDN to GND ............................................-0.3V to (VIN + 0.3V)
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Ranges
MAX84_I_ _A ...................................................-25°C to +85°C
MAX84_E_ _A ..................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
C4 = 10µF
VIN = 3.6V,
RL = ∞ or 500Ω
MAX844, VIN ≤ 3.6V, SHDN = 0V
MAX844, VIN = 10V, SHDN = 0V
MAX840/MAX843, VIN = 10V, SHDN = 0V
MAX843/MAX844, VCONT = 0V
MAX843/MAX844,
VCTRL = 2V
MAX840, VFB = 0V
MAX840, VFB = -0.5V
MAX840, no load
CONDITIONS
mVp-p
1
VOUT Ripple
mV/mA
28
VOUT Load Regulation
38
µA
175
300
ISHUT
Shutdown Supply Current
940
1
nA
±1
±100
ICONT
CONT Leakage Current
nA
±1
±100
IFB
FB Leakage Current
V
-0.516
-0.5
-0.484
VFB
FB Voltage
-2.1
-2.0
-1.9
V
2.5
10
VIN
Supply Voltage Range
-0.5 to
(VIN - 0.6)
VOUT
Output Voltage Adjust Range
V
-2.05
-2.0
-1.95
VOUT
Output Voltage
-2.1
-2.0
-1.9
-2.05
-2.0
-1.95
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
80
100
120
Oscillator Frequency
FOSC
VIN = 3.6V,
TA = +25°C
14
20
26
kHz
Input High Voltage
VIH
SHDN
2.2
V
VIN ≥ 2.7V,
IOUT = 0mA to 4mA
VIN ≥ 2.5V,
IOUT = 0mA to 3mA
VIN ≥ 2.5V,
IOUT = 0mA to 3mA
VIN ≥ 2.7V,
IOUT = 0mA to 4mA
V
MAX840, VFB = 0V
MAX843/MAX844,
VCTRL = 2V
Input Low Voltage
VIL
SHDN
0.35
V
Input Current
IIN
SHDN
-1
1
µA
Input Capacitance
CIN
SHDN
10
pF
MAX840/MAX843/
MAX844
MAX844, SHDN = 0V
No load, VIN ≤ 3.6V
IQ
Supply Current
µA
750
1300



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com