Electronic Components Datasheet Search
  English  ▼

X  

MAX817MESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX817MESA
Description  5V Microprocessor Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX817MESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX817MESA Datasheet HTML 8Page - Maxim Integrated Products MAX817MESA Datasheet HTML 9Page - Maxim Integrated Products MAX817MESA Datasheet HTML 10Page - Maxim Integrated Products MAX817MESA Datasheet HTML 11Page - Maxim Integrated Products MAX817MESA Datasheet HTML 12Page - Maxim Integrated Products MAX817MESA Datasheet HTML 13Page - Maxim Integrated Products MAX817MESA Datasheet HTML 14Page - Maxim Integrated Products MAX817MESA Datasheet HTML 15Page - Maxim Integrated Products MAX817MESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
+5V Microprocessor Supervisory Circuits
_Ordering Information (continued)
___________________Chip Information
________________________________________________________Package Information
TRANSISTOR COUNT: 719
†
These parts offer a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part number.
PART†
MAX817_EPA
MAX817_ESA
MAX818_CPA
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 Plastic DIP
MAX818_CSA
MAX818_CUA
MAX818_EPA
-40°C to +85°C
0°C to +70°C
0°C to +70°C
8 SO
8 µMAX
8 Plastic DIP
MAX818_ESA
-40°C to +85°C
8 SO
MAX819_CPA
MAX819_CSA
MAX819_CUA
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
8 µMAX
MAX819_EPA
MAX819_ESA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
SUFFIX
RESET THRESHOLD (V)
L
4.65
M
4.40
L
α
C
A1
B
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.036
0.004
0.010
0.005
0.116
0.116
0.188
0.016
0°
MAX
0.044
0.008
0.014
0.007
0.120
0.120
0.198
0.026
6°
MIN
0.91
0.10
0.25
0.13
2.95
2.95
4.78
0.41
0°
MAX
1.11
0.20
0.36
0.18
3.05
3.05
5.03
0.66
6°
INCHES
MILLIMETERS
8-PIN
µMAX
MICROMAX SMALL-OUTLINE
PACKAGE
0.65
0.0256
A
e
E
H
D
0.101mm
0.004 in
21-0036D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com