Electronic Components Datasheet Search
  English  ▼

X  

MAX867 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX867
Description  3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX867 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX867 Datasheet HTML 1Page - Maxim Integrated Products MAX867 Datasheet HTML 2Page - Maxim Integrated Products MAX867 Datasheet HTML 3Page - Maxim Integrated Products MAX867 Datasheet HTML 4Page - Maxim Integrated Products MAX867 Datasheet HTML 5Page - Maxim Integrated Products MAX867 Datasheet HTML 6Page - Maxim Integrated Products MAX867 Datasheet HTML 7Page - Maxim Integrated Products MAX867 Datasheet HTML 8Page - Maxim Integrated Products MAX867 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
V
3.3V/5V or Adjustable-Output,
Single-Cell DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 2, VIN = 1.2V, ILOAD = 0mA, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (OUT to GND) ...................................-0.3V, +7V
Switch Voltage (LX to GND) .......................................-0.3V, +7V
S
—
H
—
D
—
N
–
, LBO to GND ....................................................-0.3V, +7V
LBI, REF, 3/
–
5
–
, FB to GND ............................-0.3V, (VOUT + 0.3V)
Reference Current (IREF) ..................................................2.5mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.1mW/°C above +70°C) ......................330mW
Reverse Battery Current (TA ≤ +45°C) (Note 1)................750mA
Operating Temperature Ranges
MAX86_C/D .......................................................0°C to +70°C
MAX86_E_A ....................................................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300°C
Note 1: Reverse battery current is measured from the
Typical Operating Circuit’s battery input terminal to GND when the battery is
connected backwards. A reverse current of 750mA will not exceed the package dissipation limits but, if left for an extended
time (more than ten minutes), may degrade performance.
With falling edge
3/
–
5
–
= 3V, -20µA
≤ REF load ≤ 250µA, CREF = 0.22µF
No REF load
0.9V
≤ VIN ≤ 3V
ILOAD = 0mA, 3/
–
5
–
= 3V, LBI = 1.5V,
VOUT = 3.47V, FB = 1.5V
CONDITIONS
V
1.22
1.25
1.28
LBI Input Threshold
%
0.8
2.0
Reference Load Regulation
V
1.22
1.25
1.28
Reference Voltage
mA
500
µA
1
Shutdown Quiescent Current
(Note 4)
µA
27
60
Quiescent Supply Current in
3.3V mode (Note 4)
4.80
5.0
5.20
3.17
3.3
3.43
4.80
5.0
5.20
4.75
5.0
5.25
3.13
3.3
3.47
4.75
5.0
5.25
Output Voltage
(Note 2)
UNITS
MIN
TYP
MAX
PARAMETER
Peak Inductor Current Limit
MAX866, 3/
–
5
–
= 0V, 0mA
≤ ILOAD ≤ 6mA
MAX866, 3/
–
5
–
= 3V, 0mA
≤ ILOAD ≤ 8mA
MAX867, VOUT = 5V, 0mA ≤ ILOAD ≤ 6mA
MAX866, 3/
–
5
–
= 0V, 0mA
≤ ILOAD ≤ 6mA
MAX866, 3/
–
5
–
= 3V, 0mA
≤ ILOAD ≤ 8mA
MAX867, VOUT = 5V, 0mA ≤ ILOAD ≤ 6mA
S
—
H
—
D
—
N
–
= 0V, 3/
–
5
–
= 3V, LBI = 1.5V, VOUT = 3.47V,
FB = 1.5V
0.9V
≤ VIN ≤ 3V
MAX866, 3/
–
5
–
= 0V, 4.8V
≤ VLOAD ≤ 5.2V
MAX866, 3/
–
5
–
= 3V, 3.17V
≤ VLOAD ≤ 3.43V
MAX867, VOUT = 5V, 4.8V ≤ VLOAD ≤ 5.2V
MAX866, 3/
–
5
–
= 0V, 4.8V
≤ VLOAD ≤ 5.2V
MAX866, 3/
–
5
–
= 3V, 3.17V
≤ VLOAD ≤ 3.43V
MAX867, VOUT = 5V, 4.8V ≤ VLOAD ≤ 5.2V
69
813
69
10
15
15
23
mA
10
15
Maximum Load Current
(Note 2)
0.9V
≤ VIN ≤ 3V,
TA =TMIN TO TMAX
(Note 3)
1.2V
≤ VIN ≤ 3V
V
0.8
0.9
Minimum Start-Up
Supply Voltage
Output set for 3.3V, measured at VIN in Figure 2, VIN = 1.5V
µA
100
No-Load Battery Current
1.2V
≤ VIN ≤ 3V
MAX866, 3/
–
5
–
= 0V, 0mA
≤ ILOAD ≤ 10mA
MAX866, 3/
–
5
–
= 3V, 0mA
≤ ILOAD ≤ 15mA
MAX867, VOUT = 5V, 0mA ≤ ILOAD ≤ 10mA
4.80
5.0
5.20
3.17
3.3
3.43
4.80
5.0
5.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com