Electronic Components Datasheet Search
  English  ▼

X  

MAX869LC/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX869LC/D
Description  2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX869LC/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX869LC/D Datasheet HTML 1Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 2Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 3Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 4Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 5Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 6Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 7Page - Maxim Integrated Products MAX869LC/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX869L P-channel load switch features an accu-
rate user-set current limit and low on-resistance. This
switch is designed to protect your power source from
shorts and surges by limiting current and preventing
the system supply from being pulled low. The input volt-
age range is 2.7V to 5.5V.
The MAX869L features a 2A, 45m
Ω switch controlled
by a logic signal. Current-limit accuracy is ±21%, and
can be set from 400mA to 2.4A using a single resistor.
The device has a low 12µA quiescent supply current,
which reduces to 2µA max in shutdown. It features ther-
mal-shutdown protection and a logic-signal output pin
(FAULT) that signals when there is an overcurrent or
overtemperature condition.
For other devices in this family, consult the
Selector
Guide.
________________________Applications
Universal Serial Bus (USB)
Notebook Computers
Personal Communicators
Palmtop Computers
Hand-Held Instruments
Portable Medical Instruments
____________________________Features
o Very Small Footprint (16-pin QSOP is the same
size as an 8-pin SO)
o Low Resistance: 45m
Ω at 3V
o ±21%-Accurate, User-Set Current Limit
o 12µA (typ) Quiescent Current
o 0.01µA (typ) Shutdown Current
o 0.04µA (typ) Leakage to Output when Switch
is Off
o 2.7V to 5.5V Input Range
o Thermal Shutdown
o
FAULT Output
2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
________________________________________________________________
Maxim Integrated Products
1
_____________________Selector Guide
19-1278; Rev 0; 8/97
PART
MAX869LC/D
MAX869LEEE
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
16 QSOP
______________Ordering Information
__________Typical Operating Circuit
*
Dice are specified at TA = +25°C.
Pin Configuration appears at end of data sheet.
300
MAX892L
PART
150
MAX891L
45
MAX869L
RON
AT 3V
(m
Ω)
0.25
0.5
2
NOMINAL
CURRENT
(A)
Single
Single
Single
COUNT
8 µMAX
8 µMAX
16 QSOP
PACKAGE
0.5
8 SO
Dual
150
MAX894L
0.25
8 SO
Dual
300
MAX895L
1
Single
8 SO
90
MAX890L
MAX869L
IN
FAULT
OUT
INPUT
2.7V TO 5.5V
1
µF*
0.1
µF*
ON/OFF
RSET
OUTPUT
UP TO 2A
100k
*FOR USB APPLICATIONS, CIN = 1µF, COUT = 120µF
ON
SET
GND


Similar Part No. - MAX869LC/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX86916 MAXIM-MAX86916 Datasheet
842Kb / 39P
Integrated Optical Sensor Module for Mobile Health
Rev 0; 10/19
MAX86916EVSYS MAXIM-MAX86916EVSYS Datasheet
904Kb / 13P
MAX86916 Evaluation System
319-100505; Rev 0; 2/20
MAX86916EVSYS# MAXIM-MAX86916EVSYS# Datasheet
904Kb / 13P
MAX86916 Evaluation System
319-100505; Rev 0; 2/20
More results

Similar Description - MAX869LC/D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
Sep-2002
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
22-Jul-2005
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
1.2 A current limited high side power switch with thermal shutdown
04-Mar-2009
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L_07 Datasheet
363Kb / 8P
Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com