Electronic Components Datasheet Search
  English  ▼

X  

MAX871 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX871
Description  Switched-Capacitor Voltage Inverters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX871 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX871 Datasheet HTML 1Page - Maxim Integrated Products MAX871 Datasheet HTML 2Page - Maxim Integrated Products MAX871 Datasheet HTML 3Page - Maxim Integrated Products MAX871 Datasheet HTML 4Page - Maxim Integrated Products MAX871 Datasheet HTML 5Page - Maxim Integrated Products MAX871 Datasheet HTML 6Page - Maxim Integrated Products MAX871 Datasheet HTML 7Page - Maxim Integrated Products MAX871 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Switched-Capacitor Voltage Inverters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5V, C1 = C2 = 1µF (MAX870), C1 = C2 = 0.33µF (MAX871), TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = +5V, C1 = C2 = 1µF (MAX870), C1 = C2 = 0.33µF (MAX871), TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Capacitor contribution is approximately 20% of the output impedance [ESR + 1 / (pump frequency x capacitance)].
Note 2: All -40°C to +85°C specifications are guaranteed by design.
IN to GND ..............................................................+6.0V to -0.3V
OUT to GND ..........................................................-6.0V to +0.3V
C1+ ..............................................................(VIN + 0.3V) to -0.3V
C1-............................................................(VOUT - 0.3V) to +0.3V
OUT Output Current ...........................................................50mA
OUT Short Circuit to GND .............................................Indefinite
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range
MAX870EUK/MAX871EUK ...............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX871
MAX870
RLOAD = 500kΩ,
TA =+25°C
RLOAD = 10kΩ
RLOAD = 10kΩ
TA = +25°C
CONDITIONS
mA
2.7
3.8
0.7
1.0
Supply Current
96
99
%
90
Power Efficiency
kHz
325
500
675
1.4
1.0
V
1.5
Minimum Supply Voltage
V
5.5
Maximum Supply Voltage
81
125
169
UNITS
MIN
TYP
MAX
PARAMETER
TA = +25°C
TA = 0°C to + 85°C
25
MAX871
MAX870
IOUT = 5mA
MAX871
RLOAD = 10kΩ
MAX870
CONDITIONS
mA
4.4
1.3
Supply Current
Ω
65
Output Resistance
kHz
225
775
Oscillator Frequency
V
1.6
Minimum Supply-Voltage Range
56
194
UNITS
MIN
TYP
MAX
PARAMETER
TA = +25°C
Oscillator Frequency
C1 = C2 = 0.47µF
IOUT =
5mA
C1 = C2 = 1µF
Ω
Output Resistance (Note 1)
20
50
MAX870
TA = +25°C
C1 = C2 = 0.33µF
20
50
C1 = C2 = 0.22µF
25
MAX871
C1 = C2 = 0.1µF
35
65
TA = 0°C to + 85°C
75
MAX870
MAX871
MAX870
MAX871
RLOAD = ∞, TA =+25°C
%
98
99.3
Voltage Conversion Efficiency
MAX870
MAX871
RLOAD = ∞
%
97
Voltage Conversion Efficiency
95
MAX870
MAX871
RLOAD = 10kΩ
V
5.5
Maximum Supply-Voltage Range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com