Electronic Components Datasheet Search
  English  ▼

X  

MAX869LEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX869LEEE
Description  2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX869LEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX869LEEE Datasheet HTML 1Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 2Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 3Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 4Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 5Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 6Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 7Page - Maxim Integrated Products MAX869LEEE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
2
_______________________________________________________________________________________
Note 1: Guaranteed by design. Derived from the ISET current ratio; current-limit amplifier and external set resistor accuracies.
Note 2: Tested with IOUT = 200mA and VSET raised until (VIN - VOUT) ≥ 0.8V.
Note 3: Specifications to -40°C are guaranteed by design, not production tested.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ..................................................................-0.3V to 6V
ON, FAULT to GND ....................................................-0.3V to 6V
SET, OUT to GND ...................................... -0.3V to (VIN + 0.3V)
Maximum Continuous Switch Current .....................................3A
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.3mW/°C above +70°C) .......................667mW
Operating Temperature Range
MAX869LEEE.....................................................-40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ON = IN, VIN = VOUT = 5.5V
VIN = 5V, IOUT = 500mA
VIN = 3V, IOUT = 500mA
VIN = 5V, ON = GND, IOUT = 0A
VIN = 5V, IOUT = 500mA
20% current overdrive, VCC = 5V
V FAULT = 5.5V, VSET = 1V
VIN = 2.7V to 3.6V
VIN = 2.7V to 5.5V
ISINK = 1mA, VSET = 1.4V
VSET = 1.24V, IOUT = 0A
IOUT = 1A, VOUT > 1.6V
ON = IN, VIN = 5.5V, VOUT = 0V
Rising edge, 1% hysteresis
VIN = 4.75V
V ON = 5.5V
RSET = 1% tolerance (Note 1)
VIN = 4.5V to 5.5V
CONDITIONS
VIN = 3.0V
m
Ω
45
90
µs
2
10
30
On-Resistance
Turn-Off Time
µs
200
Turn-On Time
100
300
µs
4
Fast-Current-Loop Response Time
µs
10
Slow-Current-Loop Response Time
µA
0.05
1
FAULT Logic Output High Leakage Current
V
0.4
FAULT Logic Output Low Voltage
µA
0.05
±3
ISET Bias Current
µA
0.01
±1
ON Input Leakage
V
2.4
ON Input High Voltage
µA
0.01
2
Off-Supply Current
µA
12
20
V
2.7
5.5
Operating Voltage
Quiescent Current
2.0
V
0.8
ON Input Low Voltage
A/A
810
955
1100
IOUT to ISET Current Ratio
µA
0.04
30
Off-Switch Current
V
2.0
2.3
2.6
Undervoltage Lockout
38
70
A
0.40
2.4
Nominal Current-Limit Set Range
UNITS
MIN
TYP
MAX
PARAMETER
VSET required to turn the switch off (Note 2)
V
1.178
1.240
1.302
Current-Limit-Amplifier Threshold



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com