Electronic Components Datasheet Search
  English  ▼

X  

MAX882ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX882ESA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX882ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX882ESA Datasheet HTML 1Page - Maxim Integrated Products MAX882ESA Datasheet HTML 2Page - Maxim Integrated Products MAX882ESA Datasheet HTML 3Page - Maxim Integrated Products MAX882ESA Datasheet HTML 4Page - Maxim Integrated Products MAX882ESA Datasheet HTML 5Page - Maxim Integrated Products MAX882ESA Datasheet HTML 6Page - Maxim Integrated Products MAX882ESA Datasheet HTML 7Page - Maxim Integrated Products MAX882ESA Datasheet HTML 8Page - Maxim Integrated Products MAX882ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
_______________________________________________________________________________________
3
VIN = 9V, RL = 33Ω, OFF from 0V to VIN,
0% to 95% of VOUT
MAX882:
VIN = 0V, STBY = 0V, VOUT = 3.0V
STBY = 0V,
VIN = 6V, SET = OUT
VOUT = 3.0V
VOUT < 0.8V
VIN = 11.5V,
SET = OUT
VOUT = 4.5V
STBY = 0V,
VIN =11.5V, SET = OUT
OFF = 0V,
RL = 1kΩ,
VIN = 11.5V
(MAX883/MAX884)
VOUT > 0.8V and VIN - VOUT > 0.7V
CONDITIONS
µs
200
TSTART
Time Required to Exit OFF or
STBY Modes
IRVL
Reverse Leakage Current
% of
VOUT
1
µA
7
mV
620
∆VRTH
Reverse-Current-Protection
Threshold (Note 6)
620
°C
10
∆TSD
Thermal Shutdown Hysteresis
°C
160
TSD
Thermal Shutdown Temperature
mA
430
ILIM
Foldback Current Limit (Note 5)
10
25
30
715
170
µA
10
IOUT(MIN)
Minimum Load Current
3
1
µA
40
IQ STBY
STBY Quiescent Current
(Note 4)
0.01
1
5
µA
10
IQ OFF
OFF Quiescent Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
65
30
Dual Mode™ SET Threshold
VSET TH
For internal feedback
150
65
SET = OUT, RL = 1kΩ
1.16
1.20
1.24
mV
SET Reference Voltage
VSET
VSET = 1.5V or 0V
±0.01
±50
nA
LBI Threshold Voltage
VLBI
LBI signal falling
1.15
1.20
1.25
V
LBI Hysteresis
∆VLBI
7
mV
LBI Input Leakage Current
ILBI
VLBI = 1.5V
±0.01
±50
nA
LBO Output Low Voltage
VLBOL
ILBO SINK = 1.2mA, VLBI =1V,
3V < VIN < 11.5V, SET = OUT
90
250
mV
LBO Output Leakage Current
ILBO LKG
VLBI = VIN, VLBO = VIN
0.01
0.1
µA
0.01
1
3
OUT Leakage Current
IOUT LKG
VIN = 11.5V,
VOUT = 2V,
SET = OUT
10
µA
MAX882C_A/E_A
MAX882MJA
MAX882C_A/E_A
MAX882MJA
MAX88_C_A
MAX88_E_A
MAX88_MJA
MAX88_C_A
MAX88_E_A
MAX88_MJA
MAX882_A,
MAX884_A
MAX883_A
RL = 1kΩ, COUT = 2.2µF
VOSH
Startup Overshoot
For external feedback
V
SET Input Leakage Current
ISET
MAX88_C_A
MAX88_MJA
MAX88_E_A
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX883) or VIN = 4.3V (MAX882/MAX884), COUT = 2.2µF, STBY or OFF = VIN, SET = GND, LBI = VIN, TJ = TMIN to TMAX,
unless otherwise noted. Typical values are at TJ = +25°C.) (Note 1)
MAX883/MAX884:
VIN = 0V, OFF = 0V, VOUT = 3.0V
0.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com