Electronic Components Datasheet Search
  English  ▼

X  

MAX883CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX883CSA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX883CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX883CSA Datasheet HTML 1Page - Maxim Integrated Products MAX883CSA Datasheet HTML 2Page - Maxim Integrated Products MAX883CSA Datasheet HTML 3Page - Maxim Integrated Products MAX883CSA Datasheet HTML 4Page - Maxim Integrated Products MAX883CSA Datasheet HTML 5Page - Maxim Integrated Products MAX883CSA Datasheet HTML 6Page - Maxim Integrated Products MAX883CSA Datasheet HTML 7Page - Maxim Integrated Products MAX883CSA Datasheet HTML 8Page - Maxim Integrated Products MAX883CSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX882/MAX883/MAX884 linear regulators maxi-
mize battery life by combining ultra-low supply currents
and low dropout voltages. They feature 200mA output
current capability at up to +125°C junction temperature
and come in a 1.5W SOIC package. The 1.5W package
(compared to 0.47W for standard SOIC packages)
allows a wider operating range for the input voltage and
output current. The MAX882/MAX883/MAX884 use a P-
channel MOSFET pass transistor to maintain a low 11µA
(15µA max) supply current from no-load to the full
200mA output. Unlike earlier bipolar regulators, there are
no PNP base current losses that increase with output
current. And, in dropout, the MOSFET does not suffer
from excessive base currents that occur when PNP tran-
sistors go into saturation. Typical dropout voltages are
220mV at 5V and 200mA, or 320mV at 3.3V and 200mA.
The MAX882 features a 7µA standby mode that disables
the output but keeps the reference, low-battery compara-
tor, and biasing circuitry alive. The MAX883/MAX884 fea-
ture a shutdown (OFF) mode that turns off all circuitry,
reducing supply current to less than 1µA. All three
devices include a low-battery-detection comparator, fold-
back current limiting, reverse-current protection, and
thermal overload protection.
The output is preset at 3.3V for the MAX882/MAX884
and 5V for the MAX883. In addition, all devices employ
Dual Mode™ operation, allowing user-adjustable outputs
from 1.25V to 11V using external resistors. The input volt-
age supply range is 2.7V to 11.5V.
For low-dropout linear regulators with output currents up
to 500mA, refer to the MAX603/MAX604 data sheet.
________________________Applications
Pagers and Cellular Phones
3.3V and 5V Regulators
1.25V to 11V Adjustable Regulators
High-Efficiency Linear Regulators
Battery-Powered Devices
Portable Instruments
Solar-Powered Instruments
____________________________Features
o Guaranteed 200mA Output Current at
TJ = +125°C, with Foldback Current Limiting
o High-Power (1.5W) 8-Pin SO Package
o Dual Mode™ Operation: Fixed or Adjustable
Output from 1.25V to 11V
o Large Input Range (2.7V to 11.5V)
o Internal 1.1
Ω P-Channel Pass Transistor
Draws No Base Current
o Low 220mV Dropout Voltage at 200mA
Output Current
o 11µA Typical Quiescent Current
o 1µA (max) Shutdown Mode or 7µA (typ)
Standby Mode
o Low-Battery Detection Comparator
o Reverse-Current Protection
o Thermal Overload Protection
______________Ordering Information
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 200mA Linear Regulators
________________________________________________________________
Maxim Integrated Products
1
__________________Pin Configuration
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0275; Rev 0; 12/94
PART
MAX882CPA
MAX882CSA
MAX882C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
Ordering Information continued at end of data sheet.
* Dice are tested at TJ = +25°C, DC parameters only.
** Contact factory for availability.
MAX882EPA
-40°C to +85°C
8 Plastic DIP
MAX882ESA
-40°C to +85°C
8 SO
MAX882MJA
-55°C to +125°C
8 CERDIP**
™
Dual-Mode is a trademark of Maxim Integrated Products.
MAX882
MAX883
MAX884
CIN
O.1
µF
COUT
2.2
µF
OUTPUT
VOLTAGE
INPUT
VOLTAGE
BATTERY
LBI
OFF (STBY)
( ) ARE FOR MAX882
IN
OUT
GND
SET
ON/OFF
LBI
OFF (STBY)
( ) ARE FOR MAX882
GND
IN
OUT
GND
SET
LBO
DIP/SO
TOP VIEW
1
2
3
4
8
7
6
5
MAX882
MAX883
MAX884


Similar Part No. - MAX883CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX883CSA MAXIM-MAX883CSA Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX883CSA MAXIM-MAX883CSA Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
More results

Similar Description - MAX883CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
logo
Linear Technology
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
Maxim Integrated Produc...
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Linear Technology
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com