Electronic Components Datasheet Search
  English  ▼

X  

MAX889 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX889
Description  High-Frequency, Regulated, 200mA, Inverting Charge Pump
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX889 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX889 Datasheet HTML 1Page - Maxim Integrated Products MAX889 Datasheet HTML 2Page - Maxim Integrated Products MAX889 Datasheet HTML 3Page - Maxim Integrated Products MAX889 Datasheet HTML 4Page - Maxim Integrated Products MAX889 Datasheet HTML 5Page - Maxim Integrated Products MAX889 Datasheet HTML 6Page - Maxim Integrated Products MAX889 Datasheet HTML 7Page - Maxim Integrated Products MAX889 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
High-Frequency, Regulated,
200mA, Inverting Charge Pump
4
_______________________________________________________________________________________
0
10
30
20
40
50
0
100
50
150
200
250
300
350
MAX889T
OUTPUT RIPPLE
vs. LOAD CURRENT vs. COUT
LOAD CURRENT (mA)
COUT = 2.2
µF
COUT = 4.7
µF
COUT = 10
µF
0
30
20
10
40
50
60
70
80
90
100
0200
100
300
400
500
EFFICIENCY vs. LOAD CURRENT
(VIN = 5V, VOUT = -3.3V)
LOAD CURRENT (mA)
MAX889T
MAX889R
MAX889S
0
30
20
10
50
40
90
80
70
60
100
0
50
100
150
200
250
300
350
EFFICIENCY vs. LOAD CURRENT
(VIN = 3.3V, VOUT = -2.5V)
LOAD CURRENT (mA)
MAX889R
MAX889T
MAX889S
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = V SHDN = +5V, capacitors from Table 1, TA = +25°C, unless otherwise noted.)
MAX889S
LOAD-TRANSIENT RESPONSE
40
µs/div
A
B
20 TO 200mA LOAD STEP
CIRCUIT OF FIGURE 4
A: IOUT, 100mA/div
B: VOUT, 20mV/div, AC-COUPLED
MAX889S
LINE-TRANSIENT RESPONSE
40
µs/div
A
B
IOUT = 200mA
CIRCUIT OF FIGURE 4
A: VIN, 2V/div
B: VOUT, 10mV/div, AC-COUPLED
MAX889S
STARTUP AND SHUTDOWN
2ms/div
A
B
IOUT = 200mA
A: VOUT, 1V/div
B: IIN, 100mA/div
C: VSHDN, 10V/div
C
0
0
1.50
2.00
1.75
2.50
2.25
2.75
3.00
2.5
3.5
4.0
3.0
4.5
5.0
5.5
FREE-RUN OUTPUT RESISTANCE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.0
1.5
2.0
2.5
3.0
FREE-RUN OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40
20
40
-20
0
60
80
0
4
2
8
6
10
12
2.5
3.5
4.0
3.0
4.5
5.0
5.5
QUIESCENT SUPPLY CURRENT
vs. INPUT VOLTAGE (REGULATED MODE)
INPUT VOLTAGE (V)
MAX889T
MAX889S
MAX889R
VOUT = -2.5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com