Electronic Components Datasheet Search
  English  ▼

X  

MAX893 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX893
Description  1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX893 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX893 Datasheet HTML 1Page - Maxim Integrated Products MAX893 Datasheet HTML 2Page - Maxim Integrated Products MAX893 Datasheet HTML 3Page - Maxim Integrated Products MAX893 Datasheet HTML 4Page - Maxim Integrated Products MAX893 Datasheet HTML 5Page - Maxim Integrated Products MAX893 Datasheet HTML 6Page - Maxim Integrated Products MAX893 Datasheet HTML 7Page - Maxim Integrated Products MAX893 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ................................................................-0.3V to +6V
ON, FAULT to GND .................................................-0.3V to +6V
SET, OUT to GND ...................................... -0.3V to (VIN + 0.3V)
Maximum Continuous Short-Circuit Switch Current .............2.0A
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
Operating Temperature Range
MAX893LESA ...................................................-40°C to +85°C
Storage Temperature Range ........................... -65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ON = IN, VIN = VOUT = 5.5V
VIN = 5V, IOUT = 500mA
VIN = 3V, IOUT = 500mA
VIN = 5V, ON = GND, IOUT = 0
VIN = 5V, IOUT = 500mA
20% current overdrive, VIN = 5V
V FAULT = 5.5V, VSET = 1V
VIN = 2.7V to 3.6V
VIN = 2.7V to 5.5V
ISINK = 1mA, VSET = 1.4V
VSET = 1.24V, IOUT = 0; VIN = VOUT
ON = IN, VIN = 5.5V, VOUT = 0
Rising edge, 1% hysteresis
VIN = 4.5V
V ON = 5.5V
VSET required to turn the switch off (Note 1)
VIN = 4.5V to 5.5V
CONDITIONS
µs
24
Turn-Off Time
µs
115
Turn-On Time
80
200
µs
2
Fast Current-Loop Response Time
µs
5
Slow Current-Loop Response Time
µA
0.05
1
FAULT Logic Output High Leakage Current
V
0.4
FAULT Logic Output Voltage Low
µA
0.5
3
ISET Bias Current
µA
0.01
1
ON Input Leakage Current
V
2.4
ON Input Voltage High
µA
0.03
1
Off-Supply Current
µA
13
20
V
2.7
5.5
Operating Voltage
Quiescent Current
2.0
V
0.8
ON Input Voltage Low
A
1.8
Short-Circuit Current
A
1.2
Maximum Programmable Continuous
Output Current Limit
µA
0.04
15
Off-Switch Current
V
2.0
2.4
2.6
Undervoltage Lockout
70
125
V
1.178
1.240
1.302
Current-Limit-Amplifier Threshold
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 3.0V
m
Ω
88
160
On-Resistance
IOUT = 500mA, VOUT > 1.6V
A/A
920
1080
1250
IOUT to ISET Current Ratio



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com