Electronic Components Datasheet Search
  English  ▼

X  

CHA2090 Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHA2090
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2090 Datasheet(HTML) 7 Page - United Monolithic Semiconductors

  CHA2090_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2090_15 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
17-24GHz Low Noise Amplifier
CHA2090
Ref. : DSCHA20909347-13 Dec 99
7/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Biasing options
This chip is self-biased, and flexibility is provided by the access to number of pads. The
internal DC electrical schematic is given in order to use these pads in a safe way.
The two requirements are:
N°1: Not exceed Vds = 3.5Volt
(internal Drain to S ource voltage)
N°2: Not biased in such a way that Vgs becomes posi tive.
(internal Gate to Source voltage)
We propose two standard biasing:
Low Noise and low consumption:
Vd = 4.5V and B, D, E grounded
All the other pads non connected (NC)
Idd = 55mA & Pout-1dB = 10dBm Typical
(Equivalent to A, B, C, D, E, F: non connected and Vd=4.5V; G1=G2=G3=+1V
Low Noise and higher output power
Vd = 4.5V and B, C, F grounded
All the other pads non connected (NC)
Idd = 75mA & Pout-1dB = 12dBm Typical



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com