Electronic Components Datasheet Search
  English  ▼

X  

CHA2266 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2266
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2266 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2266 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHA2266
RoHS COMPLIANT
Ref. : DSCHA22667082- 23 Mar 07
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
12.5-17GHz Low-Noise Driver Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2266 is a self biased, low-noise
high gain driver amplifier. It is designed
mainly
for
VSAT
applications
in
Ku-
band. The backside of the chip is both RF
and DC grounded. This helps to simplify
the assembly process.
The circuit is manufactured on a standard
GaAs pHEMT process, with via holes
through the substrate, air bridges and
electron beam gate lithography.
It is available in chip form.
Main Features
Broadband performance 12.5–17GHz
2.5dB noise figure
34dB gain, +/- 0.5dB gain flatness
Low DC power consumption:130mA
Saturated output power : 16dBm
Chip size 2.32 x 1.02 x 0.1mm
( Vds = 4V, Ids = 130mA )
4,1
2,9
2,5
2,0
1,9
1,6
1,5
1,5
2,2
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Frequency / GHz
MS11
MS21
MS22
NF
Main Characteristics
Tamb=+25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
12.5
17
GHz
G
Small signal gain
31
34
dB
NF
Noise Figure
2.5
3
dB
P1dB
Output power at 1 dB gain
compression
14.5
dBm
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
VD 1
VD 2
IN
OUT


Similar Part No. - CHA2266

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266 Datasheet
124Kb / 7P
12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
CHA2266-99F/00 UMS-CHA2266-99F/00 Datasheet
124Kb / 7P
12.5-17GHz Low-Noise Driver Amplifier
CHA2266 UMS-CHA2266_07 Datasheet
226Kb / 8P
12.5-17GHz Low-Noise Driver Amplifier
More results

Similar Description - CHA2266

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
GaAs Monolithic Microwave IC
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
logo
United Monolithic Semic...
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
GaAs Monolithic Microwave IC In QFN package
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
X-band RX-TX Core Chip GaAs Monolithic Microwave IC
CHA6358-99F00 UMS-CHA6358-99F00 Datasheet
290Kb / 12P
GaAs Monolithic Microwave IC
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
GaAs Monolithic Microwave IC in SMD leadless package
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
GaAs Monolithic Microwave IC
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com